Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4909 Datasheet HTML 1Page - STMicroelectronics TS4909 Datasheet HTML 2Page - STMicroelectronics TS4909 Datasheet HTML 3Page - STMicroelectronics TS4909 Datasheet HTML 4Page - STMicroelectronics TS4909 Datasheet HTML 5Page - STMicroelectronics TS4909 Datasheet HTML 6Page - STMicroelectronics TS4909 Datasheet HTML 7Page - STMicroelectronics TS4909 Datasheet HTML 8Page - STMicroelectronics TS4909 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Absolute maximum ratings and operating conditions
TS4909
4/32
2
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values are measured with respect to the ground pin.
6V
Vi
Input voltage
-0.3V to VCC +0.3V
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient DFN10
120
°C/W
Pdiss
Power dissipation (2) DFN10
2.
Pd is calculated with Tamb = 25°C, Tjunction = 150°C.
1.79
W
ESD
Human body model (pin to pin)
2
kV
ESD
Machine model
220pF - 240pF (pin to pin)
200
V
Latch-up
Latch-up immunity (all pins)
200
mA
Lead temperature (soldering, 10 sec)
260
°C
Output current
170 (3)
3.
Caution: this device is not protected in the event of abnormal operating conditions, such as for example,
short-circuiting between any one output pin and ground, between any one output pin and VCC, and
between individual output pins.
mA
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.2 to 5.5
V
RL
Load resistor
≥ 16
Ω
Toper
Operating free air temperature range
-40 to + 85
°C
CL
Load capacitor
RL = 16 to 100Ω
RL > 100Ω
400
100
pF
VSTBY
Standby voltage input
TS4909 in STANDBY
TS4909 in active state
GND
≤ VSTBY ≤ 0.4 (1)
1.35V
≤ VSTBY ≤ VCC
1.
The minimum current consumption (ISTBY) is guaranteed at ground for the whole temperature range.
V
VSE/PHG
Single-ended or phantom ground configuration
voltage Input
TS4909 outputs in single-ended configuration
TS4909 outputs in phantom ground configuration
VSE/PHG=VCC
VSE/PHG=0
V
Rthja
Thermal resistance junction to ambient DFN10(2)
2.
When mounted on a 4-layer PCB.
41
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com