Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4909
Description  Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4909 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4909 Datasheet HTML 15Page - STMicroelectronics TS4909 Datasheet HTML 16Page - STMicroelectronics TS4909 Datasheet HTML 17Page - STMicroelectronics TS4909 Datasheet HTML 18Page - STMicroelectronics TS4909 Datasheet HTML 19Page - STMicroelectronics TS4909 Datasheet HTML 20Page - STMicroelectronics TS4909 Datasheet HTML 21Page - STMicroelectronics TS4909 Datasheet HTML 22Page - STMicroelectronics TS4909 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
TS4909
Electrical characteristics
19/32
Figure 62.
Power supply rejection ratio vs.
frequency
Figure 63.
Power supply rejection ratio vs.
frequency
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V
Vcc=3V
20k
20
Vcc=2.6V
Phantom Ground, Inputs grounded
Av=-1, RL
≥16Ω , Cb=1μF, T
AMB
=25°C
Frequency (Hz)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V
Vcc=3V
20k
20
Vcc=2.6V
Single Ended, Inputs grounded
Av=-1, RL
≥16Ω , Cb=1μF, T
AMB
=25°C
Frequency (Hz)
Figure 64.
Power supply rejection ratio vs.
frequency
Figure 65.
Power supply rejection ratio vs.
frequency
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Av=-4
Av=-1
20k
20
Av=-2
Phantom Ground, Inputs grounded
Vcc=3V, RL
≥16Ω , Cb=1μF, T
AMB
=25°C
Frequency (Hz)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Av=-4
Av=-1
20k
20
Av=-2
Single Ended, Inputs grounded
Vcc=3V, RL
≥16Ω , Cb=1μF, T
AMB
=25°C
Frequency (Hz)
Figure 66.
Power supply rejection ratio vs.
frequency
Figure 67.
Power supply rejection ratio vs.
frequency
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=100nF
Cb=470nF
20k
20
Cb=220nF
Phantom Ground, Inputs grounded
Av=-1, RL
≥16Ω , Vcc=3V, T
AMB
=25°C
Frequency (Hz)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=100nF
Cb=470nF
20k
20
Cb=220nF
Single Ended, Inputs grounded
Av=-1, RL
≥16Ω , Vcc=3V, T
AMB
=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com