Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 28Page - Texas Instruments TUSB2136_07 Datasheet HTML 29Page - Texas Instruments TUSB2136_07 Datasheet HTML 30Page - Texas Instruments TUSB2136_07 Datasheet HTML 31Page - Texas Instruments TUSB2136_07 Datasheet HTML 32Page - Texas Instruments TUSB2136_07 Datasheet HTML 33Page - Texas Instruments TUSB2136_07 Datasheet HTML 34Page - Texas Instruments TUSB2136_07 Datasheet HTML 35Page - Texas Instruments TUSB2136_07 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
2−19
Table 2−6. External Pins Mapping to S[3:0] in VIDSTA Register
VIDSTA REGISTER
PIN
COMMENTS
S[3:0]
NO.
NAME
COMMENTS
S0
58
P3.0
Dual function, P3.0 I/O or S0 input
S1
57
P3.1
Dual function, P3.1 I/O or S1 input
S2
8
S2
S2-pin is input
S3
9
S3
S3-pin is input
2.7
Function Reset and Power-Up Reset Interconnect
Figure 2−2 represents the logical connection of USB-function reset (USBR) and power-up reset (RST) pins. The
internal RESET signal is generated from the RST pin (PURS signal) or from the USB reset (USBR signal). The USBR
can be enabled or disabled by the FRSTE bit in the USBCTL register (on power up FRSTE = 0). The internal RESET
is used to reset all registers and logic, with the exception of the USBCTL and MISCTL registers. The USBCTL and
MCU configuration registers (MCNFG) are cleared by the PURS signal only.
WDT Reset
WDE
PURS
USBCTL Register
MCNFG Register
USB Function Reset
FRSTE
RESET
MCU
All Internal MMR
RST
USBR
Figure 2−2. Reset Diagram
2.8
Pullup Resistor Connect/Disconnect
After reading firmware into RAM, the TUSB2136 can reenumerate using the new firmware (no need to physically
disconnect and re-connect the cable). Figure 2−3 shows an equivalent circuit implementation for Connect and
Disconnect from a USB upstream port (also see Figure 4−4b). When the CONT bit in the USBCTL register is 1, the
CMOS driver sources VDD to the pullup resistor (PUR pin), presenting a normal connect condition to the USB hub
(high speed). When the CONT bit is 0, the PUR pin is driven low. In this state, the 1.5-k
Ω resistor is connected to GND,
resulting in device disconnection state. The PUR driver is a CMOS driver that can provide VDD − 0.1 V minimum at
8-mA source current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com