Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 33Page - Texas Instruments TUSB2136_07 Datasheet HTML 34Page - Texas Instruments TUSB2136_07 Datasheet HTML 35Page - Texas Instruments TUSB2136_07 Datasheet HTML 36Page - Texas Instruments TUSB2136_07 Datasheet HTML 37Page - Texas Instruments TUSB2136_07 Datasheet HTML 38Page - Texas Instruments TUSB2136_07 Datasheet HTML 39Page - Texas Instruments TUSB2136_07 Datasheet HTML 40Page - Texas Instruments TUSB2136_07 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
2−24
2.10 I2C Registers
The TUSB2136 only supports a master-slave relationship; therefore, it does not support bus arbitration.
2.10.1 I2CSTA: I2C Status and Control Register
This register is used to control the stop condition for read and write operations. In addition, it provides transmitter and
receiver handshake signals with their respective interrupt enable bits.
7
6
5
4
3
210
RXF
RIE
ERR
1/4
TXE
TIE
SRD
SWR
R/C
R/W
R/C
R/W
R/C
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
SWR
0
Stop write condition. This bit defines whether the I2C controller generates a stop condition when data from
the I2CDAO register is transmitted to an external device.
SWR = 0
Stop condition is not generated when data from I2CDAO register is shifted out to an external
device.
SWR = 1
Stop condition is generated when data from I2CDAO register is shifted out to an external device.
1
SRD
0
Stop read condition. This bit defines whether the I2C controller generates a stop condition when data is
received and loaded into I2CDAI register.
SRD = 0
Stop condition is not generated when data from SDA line is shifted into the I2CDAI register.
SRD = 1
Stop condition is generated when data from SDA line is shifted into the I2CDAI register.
2
TIE
0
I2C transmitter empty interrupt enable
2
TIE
0
TIE = 0
Interrupt disabled
TIE = 1
Interrupt enabled
3
TXE
1
I2C transmitter empty. This bit indicates that data can be written to the transmitter. It can be used for polling or
it can generate an interrupt.
TXE = 0
Transmitter is full. This bit is cleared when the MCU writes a byte to I2CDAO register.
TXE = 1
Transmitter is empty. The I2C controller sets this bit when the content of the I2CDAO register is
copied to the SDA shift register.
4
1/4
0
Bus speed selection
4
1/4
0
1/4 = 0
100-kHz bus speed
1/4 = 1
400-kHz bus speed
5
ERR
0
Bus error condition. This bit is set by the hardware when the device does not respond. It is cleared by the
MCU.
ERR = 0
No bus error
ERR = 1
Bus error condition has been detected. Clears when MCU writes a 1. Writing a 0 has no effect.
6
RIE
0
I2C receiver ready interrupt enable
6
RIE
0
RIE = 0
Interrupt disabled
RIE = 1
Interrupt enabled
7
RXF
0
I2C receiver full. This bit indicates that the receiver contains new data. It can be used for polling or it can
generate an interrupt.
RXF = 0
Receiver is empty. This bit is cleared when MCU reads the I2CDAI register.
RXF = 1
Receiver contains new data. This bit is set by the I2C controller when the received serial data has
been loaded into I2CDAI register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com