Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 15Page - Texas Instruments TUSB2136_07 Datasheet HTML 16Page - Texas Instruments TUSB2136_07 Datasheet HTML 17Page - Texas Instruments TUSB2136_07 Datasheet HTML 18Page - Texas Instruments TUSB2136_07 Datasheet HTML 19Page - Texas Instruments TUSB2136_07 Datasheet HTML 20Page - Texas Instruments TUSB2136_07 Datasheet HTML 21Page - Texas Instruments TUSB2136_07 Datasheet HTML 22Page - Texas Instruments TUSB2136_07 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
2−6
Table 2−3. EDB and Buffer Allocations in XDATA
ADDRESS
SIZE
DESCRIPTION
FF7F
↑
32 bytes
RESERVED
32 bytes
RESERVED
FF60
FF5F
↑
8 bytes
Input endpoint 3: configuration
FF58
8 bytes
Input endpoint 3: configuration
FF57
↑
8 bytes
Input endpoint 2: configuration
FF50
8 bytes
Input endpoint 2: configuration
FF4F
↑
8 bytes
Input endpoint 1: configuration
FF48
8 bytes
Input endpoint 1: configuration
FF47
↑
40 bytes
RESERVED
FF20
FF1F
↑
8 bytes
Output endpoint 3: configuration
FF18
8 bytes
Output endpoint 3: configuration
FF17
↑
8 bytes
Output endpoint 2: configuration
FF10
8 bytes
Output endpoint 2: configuration
FF0F
↑
8 bytes
Output endpoint 1: configuration
FF08
8 bytes
Output endpoint 1: configuration
FF07
↑
8 bytes
Setup packet block
FF00
8 bytes
Setup packet block
FEFF
↑
8 bytes
Input endpoint 0: buffer
FEF8
8 bytes
Input endpoint 0: buffer
FEF7
↑
8 bytes
Output endpoint 0: buffer
FEF0
8 bytes
Output endpoint 0: buffer
FEEF
Top of buffer space
↑
368 bytes
Buffers space
FD80
Start of buffer space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com