Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 25Page - Texas Instruments TUSB2136_07 Datasheet HTML 26Page - Texas Instruments TUSB2136_07 Datasheet HTML 27Page - Texas Instruments TUSB2136_07 Datasheet HTML 28Page - Texas Instruments TUSB2136_07 Datasheet HTML 29Page - Texas Instruments TUSB2136_07 Datasheet HTML 30Page - Texas Instruments TUSB2136_07 Datasheet HTML 31Page - Texas Instruments TUSB2136_07 Datasheet HTML 32Page - Texas Instruments TUSB2136_07 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
2−16
2.6.4
USBCTL: USB Control Register
Unlike the other registers, this register is cleared by the power-up-reset signal only. The USB reset cannot reset this
register (see the reset diagram in Figure 2−2).
7
6
5
4
3
210
CONT
U1/2
RWUP
FRSTE
RWE
B/S
SIR
DIR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
DIR
0
As a response to a setup packet, the MCU decodes the request and sets or clears this bit to reflect the data
transfer direction.
DIR = 0
USB data OUT transaction (from host to TUSB2136)
DIR = 1
USB data IN transaction (from TUSB2136 to host)
1
SIR
0
SETUP interrupt status bit. This bit is controlled by the MCU to indicate to the hardware when SETUP
interrupt is being served.
SIR = 0
SETUP interrupt is not served. The MCU clears this bit before exiting the SETUP interrupt
routine.
SIR = 1
SETUP interrupt is in progress. The MCU sets this bit when servicing the SETUP interrupt.
2
B/S
0
Bus/self power control bit
2
B/S
0
B/S = 0
The device is bus powered.
B/S = 1
The device is self powered.
3
RWE
0
Remote wake-up enable bit
3
RWE
0
RWE = 0
The MCU clears this bit when the host sends a command to clear the feature.
RWE = 1
The MCU writes 1 to this bit when the host sends set device feature command to enable the
remote wake-up feature.
4
FRSTE
1
Function reset connection bit. This bit connects/disconnects the USB function reset from the MCU reset.
4
FRSTE
1
FRSTE = 0
Function reset is not connected to MCU reset.
FRSTE = 1
Function reset is connected to MCU reset.
5
RWUP
0
Device remote wake-up request. This bit is set by the MCU and is cleared automatically.
5
RWUP
0
RWUP = 0
Writing a 0 to this bit has no effect.
RWUP = 1
When the MCU writes a 1, a remote wake-up pulse is generated.
6
U1/2
0
USB hub version
6
U1/2
0
U1/2 = 0
This is a USB1.x hub.
U1/2 = 1
This is a USB2.x hub.
7
CONT
0
Connect/disconnect bit
7
CONT
0
CONT = 0
Upstream port is disconnected. Pullup disabled.
CONT = 1
Upstream port is connected. Pullup enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com