Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 40Page - Texas Instruments TUSB2136_07 Datasheet HTML 41Page - Texas Instruments TUSB2136_07 Datasheet HTML 42Page - Texas Instruments TUSB2136_07 Datasheet HTML 43Page - Texas Instruments TUSB2136_07 Datasheet HTML 44Page - Texas Instruments TUSB2136_07 Datasheet HTML 45Page - Texas Instruments TUSB2136_07 Datasheet HTML 46Page - Texas Instruments TUSB2136_07 Datasheet HTML 47Page - Texas Instruments TUSB2136_07 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
3−1
3 Electrical Specifications
3.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
(unless otherwise noted)†
Supply voltage, VCC
−0.5 V to 4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3.2
Commercial Operating Conditions
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage
0
VCC
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
TA
Operating temperature
0
70
°C
3.3
Electrical Characteristics, TA = 25°C, VCC = 3.3 V ± 0.3 V, GND = 0 V
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = –4 mA
VCC–0.5
V
VOL
Low-level output voltage
IOL = 4 mA
0.5
V
VIT+
Positive input threshold voltage
VI = VIH
2
V
VIT−
Negative input threshold voltage
VI = VIL
0.8
V
Vhys
Hysteresis (VIT+ − VIT−)
VI = VIH
1
V
IIH
High-level input current
VI = VIH
±1
µA
IIL
Low-level input current
VI = VIL
±1
µA
IOZ
Output leakage current (Hi-Z)
VI = VCC or VSS
10
µA
CI
Input capacitance
5
pF
CO
Output capacitance
7
pF
ICC
Quiescent
25
45
mA
ICCx
Suspend
45
µA
ICCx1.8 Suspend 1.8 VDD
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com