Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 14Page - Texas Instruments TUSB2136_07 Datasheet HTML 15Page - Texas Instruments TUSB2136_07 Datasheet HTML 16Page - Texas Instruments TUSB2136_07 Datasheet HTML 17Page - Texas Instruments TUSB2136_07 Datasheet HTML 18Page - Texas Instruments TUSB2136_07 Datasheet HTML 19Page - Texas Instruments TUSB2136_07 Datasheet HTML 20Page - Texas Instruments TUSB2136_07 Datasheet HTML 21Page - Texas Instruments TUSB2136_07 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
2−5
Table 2−2. Memory-Mapped Registers Summary (XDATA Range = FF80
→ FFFF)
ADDRESS
REGISTER
DESCRIPTION
FFFF
FUNADR
FUNADR: Function address register
FFFE
USBSTA
USBSTA: USB status register
FFFD
USBMSK
USBMSK: USB interrupt mask register
FFFC
USBCTL
USBCTL: USB control register
FFFB
HUBVIDH
HUBVIDH: HUB-VID register (high-byte)
FFFA
HUBVIDL
HUBVIDL: HUB-VID register (low-byte)
FFF9
HUBPIDH
HUBPIDH: HUB-PID register (high-byte)
FFF8
HUBPIDL
HUBPIDL: HUB-PID register (low-byte)
FFF7
HUBCNFG
HUBCNFG: HUB-configuration register
FFF6
VIDSTA
VIDSTA: VID/PID status register
FFF5
HUBPOTG
HUBPOTG: HUB power-on to power-good descriptor register
FFF4
HUBCURT
HUBCURT: HUB current descriptor register
FFF3
I2CADR
I2CADR: I2C address register
FFF2
I2CDAI
I2CDAI: I2C data-input register
FFF1
I2CDAO
I2CDAO: I2C data-output register
FFF0
I2CSTA
I2CSTA: I2C status and control register
↑
RESERVED
FF97
PUR3
Port 3 pullup resistor register
FF96
PUR2
Port 2 pullup resistor register
FF95
PUR1
Port 1 pullup resistor register
FF94
PUR0
Port 0 pullup resistor register
FF93
WDCSR
WDCSR: Watchdog timer, control and status register
FF92
VECINT
VECINT: Vector interrupt register
FF91
RESERVED
FF90
MCNFG
MCNFG: MCU configuration register
↑
RESERVED
FF84
INTCFG
INTCFG: Interrupt delay configuration register
FF83
OEPBCNT_0
OEPBCNT_0: Output endpoint-0 byte count register
FF82
OEPCNFG_0
OEPCNFG_0: Output endpoint-0 configuration register
FF81
IEPBCNT_0
IEPBCNT_0: Input endpoint-0 byte count register
FF80
IEPCNFG_0
IEPCNFG_0: Input endpoint-0 configuration register
2.4
Endpoint Descriptor Block (EDB-1 to EDB-3)
Data transfers between USB, MCU and external devices are defined by an endpoint descriptor block (EDB). Four
input and four output EDBs are provided. With the exception of EDB-0 (I/O endpoint 0), all EDBs are located in SRAM
as shown in Table 2−3. Each EDB contains information describing the X and Y buffers. In addition, it provides general
status information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com