Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB2136_07 Datasheet HTML 6Page - Texas Instruments TUSB2136_07 Datasheet HTML 7Page - Texas Instruments TUSB2136_07 Datasheet HTML 8Page - Texas Instruments TUSB2136_07 Datasheet HTML 9Page - Texas Instruments TUSB2136_07 Datasheet HTML 10Page - Texas Instruments TUSB2136_07 Datasheet HTML 11Page - Texas Instruments TUSB2136_07 Datasheet HTML 12Page - Texas Instruments TUSB2136_07 Datasheet HTML 13Page - Texas Instruments TUSB2136_07 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
1−3
1.3
Terminal Assignments
12
3
P1.1
P1.0
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
GND
P2.1
P2.0
SELF/BUS
GND
DM0
DP0
PUR
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
4
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
P0.6
P0.7
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1/S1/TXD
P3.0/S0/RXD
GND
X2
X1
VCC
DM2
DP2
56 7
8
47 46 45 44 43
48
42
40 39 38
41
910 11 12 13
37 36 35 34 33
14 15 16
PM PACKAGE
(TOP VIEW)
1.4
Ordering Information
PACKAGE
TA
PLASTIC QUAD FLATPACK
(PM)
0
°C to 70°C
TUSB2136PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com