Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 25 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 25 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 26Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 27Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 28Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 29Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
R3111x
25
 R3111E (TO-92) is the discontinued product as of April, 2017.
600
500
400
300
200
100
0
0
25
50
75
100
125
150
Ambient Temperature (
C)
Power Dissipation
85
Free Air
On Board
250
420
 Power Dissipation (SOT-23-5)
Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the
measurement at the condition below:
(Power Dissipation (SOT-23-5) is substitution of SOT-23-6.)
Measurement Conditions
Standard Test Land Pattern
Environment
Mounting on Board (Wind velocity=0m/s)
Board Material
Glass cloth epoxy plastic (Double sided)
Board Dimensions
40mm
 40mm  1.6mm
Copper Ratio
Top side: Approx. 50%, Back side: Approx. 50%
Through-holes
 0.5mm  44pcs
Measurement Result
(Ta=25
C, Tjmax=125C)
Standard Land Pattern
Free Air
Power Dissipation
420mW
250mW
Thermal Resistance
ja = (125-25C)/0.42W = 238C/W
400
C/W
Measurement Board Pattern
IC Mount Area (Unit: mm)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com