Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  R3111Q552B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
R3111x SERIES
LOW VOLTAGE DETECTOR
NO.EA-056-170428
1
 R3111E (TO-92) is the discontinued product as of April, 2017.
OUTLINE
The R3111x series are CMOS-based voltage detector ICs with high detector threshold accuracy and ultra-low
supply current, which can be operated at an extremely low voltage and is used for system reset as an example.
Each of these ICs consists of a voltage reference unit, a comparator, resistors for detector threshold setting,
an output driver and a hysteresis circuit. The detector threshold is fixed with high accuracy internally and does
not require any adjustment.
Three output types, Nch open drain “L” type, Nch open drain “H” type and CMOS type are available.
The R3111x Series are operable at a lower voltage than that for the Rx5VL series, and can be driven by a
single battery.
Seven types of packages, TO-92, SOT-89, SOT-23-3, SOT-23-5, SC-82AB, SC-88A and SON1612-6 are
available.
FEATURES
 Supply Current ......................................................................Typ. 0.8A (-VDET1.5V, VDD-VDET0.1V)
 Operating Voltage Range......................................................0.7V to 10.0V (Ta25C)
 Detector Threshold Range.................................................... 0.9V to 6.0V (0.1V steps)
(For other voltages, please refer to MARK INFORMATIONS.)
 Detector Threshold Accuracy................................................2.0%
 Temperature-Drift Coefficient of Detector Threshold ............Typ. 100ppm/C
 Output Types.........................................................................Nch Open Drain “L”, Nch Open Drain “H”, and
CMOS
 Packages ..............................................................................SON1612-6, SC-82AB, SC-88A, SOT-23-3,
SOT-23-5, SOT-89, TO-92
APPLICATIONS
 CPU and Logic Circuit Reset
 Battery Checker
 Window Comparator
 Wave Shaping Circuit
 Battery Back-up Circuit
 Power Failure Detector


Similar Part No. - R3111Q552B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111Q551A RICOH-R3111Q551A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
R3111Q551A RICOH-R3111Q551A Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
R3111Q551B RICOH-R3111Q551B Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
R3111Q551C RICOH-R3111Q551C Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
R3111Q551C RICOH-R3111Q551C Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
More results

Similar Description - R3111Q552B

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR?
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
LOW VOLTAGE DETECTOR
Rev.1.10
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com