Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 10 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 10 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
R3111x
10
 R3111E (TO-92) is the discontinued product as of April, 2017.
ELECTRICAL CHARACTERISTICS BY DETECTOR THRESHOLD
 R3111x09x to R3111x60x
Part
Number
Detector Threshold
Detector Threshold
Hysteresis
Supply Current 1
Supply Current 2
-VDET[V]
VHYS[V]
ISS1[
A]
ISS2[
A]
Min.
Typ.
Max.
Min.
Typ.
Max.
Condition
Typ.
Max.
Condition
Typ.
Max.
R3111x09xx
0.882
0.900
0.918
0.027
0.045
0.063
VDD
(-VDET)
0.10V
0.8
2.4
VDD
(-VDET)
2.0V
0.9
2.7
R3111x10xx
0.980
1.000
1.020
0.030
0.050
0.070
1.0
3.0
R3111x11xx
1.078
1.100
1.122
0.033
0.055
0.077
R3111x12xx
1.176
1.200
1.224
0.036
0.060
0.084
R3111x13xx
1.274
1.300
1.326
0.039
0.065
0.091
R3111x14xx
1.372
1.400
1.428
0.042
0.070
0.098
R3111x15xx
1.470
1.500
1.530
0.045
0.075
0.105
R3111x16xx
1.568
1.600
1.632
0.048
0.080
0.112
R3111x17xx
1.666
1.700
1.734
0.051
0.085
0.119
R3111x18xx
1.764
1.800
1.836
0.054
0.090
0.126
R3111x19xx
1.862
1.900
1.938
0.057
0.095
0.133
R3111x20xx
1.960
2.000
2.040
0.060
0.100
0.140
0.9
2.7
1.1
3.3
R3111x21xx
2.058
2.100
2.142
0.063
0.105
0.147
R3111x22xx
2.156
2.200
2.244
0.066
0.110
0.154
R3111x23xx
2.254
2.300
2.346
0.069
0.115
0.161
R3111x24xx
2.352
2.400
2.448
0.072
0.120
0.168
R3111x25xx
2.450
2.500
2.550
0.075
0.125
0.175
R3111x26xx
2.548
2.600
2.652
0.078
0.130
0.182
R3111x27xx
2.646
2.700
2.754
0.081
0.135
0.189
R3111x28xx
2.744
2.800
2.856
0.084
0.140
0.196
R3111x29xx
2.842
2.900
2.958
0.087
0.145
0.203
R3111x30xx
2.940
3.000
3.060
0.090
0.150
0.210
VDD
(-VDET)
0.13V
1.0
3.0
1.2
3.6
R3111x31xx
3.038
3.100
3.162
0.093
0.155
0.217
R3111x32xx
3.136
3.200
3.264
0.096
0.160
0.224
R3111x33xx
3.234
3.300
3.366
0.099
0.165
0.231
R3111x34xx
3.332
3.400
3.468
0.102
0.170
0.238
R3111x35xx
3.430
3.500
3.570
0.105
0.175
0.245
R3111x36xx
3.528
3.600
3.672
0.108
0.180
0.252
R3111x37xx
3.626
3.700
3.774
0.111
0.185
0.259
R3111x38xx
3.724
3.800
3.876
0.114
0.190
0.266
R3111x39xx
3.822
3.900
3.978
0.117
0.195
0.273
R3111x40xx
3.920
4.000
4.080
0.120
0.200
0.280
VDD
(-VDET)
0.16V
1.1
3.3
1.3
3.9
R3111x41xx
4.018
4.100
4.182
0.123
0.205
0.287
R3111x42xx
4.116
4.200
4.284
0.126
0.210
0.294
R3111x43xx
4.214
4.300
4.386
0.129
0.215
0.301
R3111x44xx
4.312
4.400
4.488
0.132
0.220
0.308
R3111x45xx
4.410
4.500
4.590
0.135
0.225
0.315
R3111x46xx
4.508
4.600
4.692
0.138
0.230
0.322
R3111x47xx
4.606
4.700
4.794
0.141
0.235
0.329
R3111x48xx
4.704
4.800
4.896
0.144
0.240
0.336
R3111x49xx
4.802
4.900
4.998
0.147
0.245
0.343
R3111x50xx
4.900
5.000
5.100
0.150
0.250
0.350
VDD
(-VDET)
0.20V
1.2
3.6
1.4
4.2
R3111x51xx
4.998
5.100
5.202
0.153
0.255
0.357
R3111x52xx
5.096
5.200
5.304
0.156
0.260
0.364
R3111x53xx
5.194
5.300
5.406
0.159
0.265
0.371
R3111x54xx
5.292
5.400
5.508
0.162
0.270
0.378
R3111x55xx
5.390
5.500
5.610
0.165
0.275
0.385
R3111x56xx
5.488
5.600
5.712
0.168
0.280
0.392
R3111x57xx
5.586
5.700
5.814
0.171
0.285
0.399
R3111x58xx
5.684
5.800
5.916
0.174
0.290
0.406
R3111x59xx
5.782
5.900
6.018
0.177
0.295
0.413
R3111x60xx
5.880
6.000
6.120
0.180
0.300
0.420
*1) In the case of CMOS output type; when the voltage is forced to VDD from 0.7V to (
VDET)2.0V, time interval between the rising edge of VDD and the reaching point at
((
VDET)2.0V)/2. In the case of Nch open drain output type : The output pin is pulled up to 5V through 470k, and when the voltage is forced to VDD from 0.7V to
(
VDET)2.0V, time interval between the rising edge of VDD and the reaching point at ((VDET)2.0V)/2.
*2) VDD value when Output Voltage is equal or less than 0.1V. In the case of Nch open drain output type, the output pin is pulled up to 5V through 470k
resistor.
Condition 1: Ta
25C
Condition 2:
40C  
 Ta  
 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com