Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R3111Q552B Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
R3111x
3
 R3111E (TO-92) is the discontinued product as of April, 2017.
SELECTION GUIDE
The package type, the detector threshold, the output type and the taping type for the ICs can be selected at
the users’ request. The selection can be made with designating the part number as shown below;
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R3111Dxx1
-TR-FE
SON1612-6
4,000 pcs
Yes
Yes
R3111Qxx1
-TR-FE
SC-82AB
3,000 pcs
Yes
Yes
R3111Qxx2
-TR-FE
SC-88A
3,000 pcs
Yes
Yes
R3111Nxx1
-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
R3111Nxx2$-TR-FE
SOT-23-3
3,000 pcs
Yes
Yes
R3111Hxx1$-T1-FE
SOT-89
1,000 pcs
Yes
Yes
R3111Exx1$-TZ-F
TO-92
2,500 pcs
Yes
No
xx: The detector threshold can be designated in the range from 0.9V(09) to 6.0V(60) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
 : Designation of Output Type
(A) Nch Open Drain (Output "L" at Detection)
(B) Nch Open Drain (Output "H" at Detection)
(C) CMOS (Output "L" at Detection)
$ : Designation of Output Type
(A) Nch Open Drain (Output "L" at Detection)
(C) CMOS (Output "L" at Detection)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com