Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 7 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 7 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
R3111x
7
 R3111E (TO-92) is the discontinued product as of April, 2017.
 R3111xxxxB
Ta
25C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
-VDET
 0.98
-VDET
 1.02
V
VHYS
Detector Threshold
Hysteresis
-VDET
 0.03
-VDET
 0.05
-VDET
 0.07
V
ISS
Supply Current
0.9V ≤ -VDET < 2.0V
VDD
-VDET 0.10V
0.8
2.4
A
VDD
-VDET +2.0V
1.0
3.0
2.0V ≤ -VDET < 3.0V
VDD
-VDET 0.10V
0.9
2.7
VDD
-VDET +2.0V
1.1
3.3
3.0V ≤ -VDET < 4.0V
VDD
-VDET 0.13V
1.0
3.0
VDD
-VDET +2.0V
1.2
3.6
4.0V ≤ -VDET < 5.0V
VDD
-VDET 0.16V
1.1
3.3
VDD
-VDET +2.0V
1.3
3.9
5.0V ≤ -VDET ≤ 6.0V
VDD
-VDET 0.20V
1.2
3.6
VDD
-VDET +2.0V
1.4
4.2
VDDH
Maximum
Operating Voltage
10
V
VDDL
Minimum Operating
Voltage1
Ta
25C
0.55
0.70
V
40C ≤ Ta ≤ 85C
0.65
0.80
IOUT
Output Current
(Driver Output Pin)
Nch
VDS
0.10V, VDD6.5V
2.5
mA
tPLH
Output Delay
Time2
100
s
-VDET/
Ta
Detector Threshold
Temperature
Coefficient
40C ≤ Ta ≤ 85C
100
ppm/
C
1: Minimum operating voltage means the value of input voltage when output voltage maintains 0.1V or less.
(In the case of the output pin is pulled up with a resistance of 470k
 to 5.0V.)
2: The output pin is pulled up with a resistance of 470k to 5.0V, the time interval between the rising edge
of VDD input pulse from 0.7V to
 (VDET) 2.0V and output voltage level becoming to 2.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com