Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 11 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 11 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
R3111x
11
 R3111E (TO-92) is the discontinued product as of April, 2017.
Output Current 1
Output Current 2
*3
Output Delay
Time
Minimum
Operating Voltage
Detector Threshold
Temperature Coefficient
IOUT1[mA]
IOUT2[mA]
tPLH[
s]
VDDL[V]
-VDET/Ta[ppm/C]
Condition
Min.
Typ.
Condition
Min.
Typ.
Max.
Typ.
Max.
Condition
Typ.
<A/C version>
Nch
VDS
0.05V
VDD
0.7V
<B version>
Nch
VDS
0.10V
VDD
6.5V
0.01
2.5
0.05
-
Nch
VDS
0.5V
VDD
0.85V
0.05
0.5
100
*1
*2
Condition 1
0.55
Condition 2
0.65
*2
Condition 1
0.70
Condition 2
0.80
40C  
 
Ta
 
 85C
100
VDD
1.0V
0.2
1.0
VDD
1.5V
1.0
2.0
*3) Only A/C versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com