Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3111Q552B Datasheet(PDF) 37 Page - Nisshinbo Micro Devices Inc.

Part # R3111Q552B
Description  LOW VOLTAGE DETECTOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3111Q552B Datasheet(HTML) 37 Page - Nisshinbo Micro Devices Inc.

Back Button R3111Q552B Datasheet HTML 33Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 34Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 35Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 36Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 37Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 38Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 39Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 40Page - Nisshinbo Micro Devices Inc. R3111Q552B Datasheet HTML 41Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
R3111x
37
 R3111E (TO-92) is the discontinued product as of April, 2017.
R3111x45xx
R3111x45xx
Topt=25
°C
VDD=4.5V
4.0V
3.5V
3.0V
2.5V
2.0V
1.5V
60
50
40
30
20
0
10
VDS(V)
0
0.5
1
1.5
2
2.5
3
4
3.5
4.5
VDD=0.8V
0.7V
Topt=25
°C
300
250
200
150
100
0
50
VDS(V)
0
0.02
0.04
0.06
0.08
0.1
5) Nch Driver Output Current vs. Input Voltage
R3111x09xx
R3111x27xx
900
800
700
600
500
400
300
200
0
100
Input Voltage VIN(V)
0
0.2
0.4
0.6
1
0.8
Topt=-85
°C
25
°C
-40
°C
14
12
10
8
6
4
0
2
Input Voltage VIN(V)
0
0.5
1
1.5
1
2.5
3
Topt=-40
°C
25
°C
85
°C
R3111x45xx
25
20
15
10
5
0
Input Voltage VIN(V)
0
1
2
345
6
Topt=-40
°C
25
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com