Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 9Page - STMicroelectronics L6711 Datasheet HTML 10Page - STMicroelectronics L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
L6711
Electrical specifications
13/50
4
Electrical specifications
Table 4.
Electrical characteristcs
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC supply current
ICC
VCC supply current
HGATEx and LGATEx open
VCCDRx=VBOOTx=12V
18
23
mA
ICCDRx
VCCDRx supply
current
LGATEx open; VCCDRx=12V
1.5
2
mA
IBOOTx
BOOTx supply current
HGATEx open;PHASEx to
PGNDx
VCC=BOOTx=12V
11.5
mA
Power-ON
Turn-On VCC
threshold
VCC Rising; VCCDRx=5V
8.2
9.2
10.2
V
Turn-Off VCC
threshold
VCC Falling; VCCDRx=5V
6.5
7.5
8.5
V
Turn-On VCCDRx
Threshold
VCCDRx Rising
VCC=12V
4.2
4.4
4.6
V
Turn-Off VCCDRx
Threshold
VCCDRx Falling
VCC=12V
4.0
4.2
4.4
V
Oscillator and inhibit
fOSC
Initial Accuracy
OSC = OPEN
OSC = OPEN; TJ=0 to 125°C
135
127
150
165
178
kHz
kHz
OUTENIL
Output Enable
Threshold
Input Low
0.3
V
OUTENIH
Input High
0.5
V
dMAX
Maximum duty cycle
OSC = OPEN: CS_SEL =
OPEN;
IFB=0
72
80
%
OSC = OPEN; CS_SEL =
OPEN;
IFB=105µA
30
40
%
∆Vosc
Ramp Amplitude
3
V
FAULT
Voltage at pin OSC
OVP or UVP Active
4.70
5.0
5.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com