Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
VID Tables
L6711
16/50
5
VID Tables
Note:
Since the VIDx pins program the maximum output voltage, according to VRD 10.x specs,
the device automatically regulates to a voltage 19mV lower avoiding use of any external
component to lower the regulated voltage. This improves the system tolerance performance
since the reference already offset is trimmed during production within ±0.5%.
Table 5.
Voltage IDentification (VID) Codes.
VID_SEL = OPEN (VRD 10.x DAC with -19mV auto-offset)
VID5 VID4 VID3 VID2 VID1 VID0
Output
(V)
VID5 VID4 VID3 VID2 VID1 VID0
Output
(V)
0
0
1
0
1
0
0.8185
0
1
1
0
1
0
1.1935
1
0
1
0
0
1
0.8310
1
1
1
0
0
1
1.2060
0
0
1
0
0
1
0.8435
0
1
1
0
0
1
1.2185
1
0
1
0
0
0
0.8560
1
1
1
0
0
0
1.2310
0
0
1
0
0
0
0.8685
0
1
1
0
0
0
1.2435
1
0
0
1
1
1
0.8810
1
1
0
1
1
1
1.2560
0
0
0
1
1
1
0.8935
0
1
0
1
1
1
1.2685
1
0
0
1
1
0
0.9060
1
1
0
1
1
0
1.2810
0
0
0
1
1
0
0.9185
0
1
0
1
1
0
1.2935
1
0
0
1
0
1
0.9310
1
1
0
1
0
1
1.3060
0
0
0
1
0
1
0.9435
0
1
0
1
0
1
1.3185
1
0
0
1
0
0
0.9560
1
1
0
1
0
0
1.3310
0
0
0
1
0
0
0.9685
0
1
0
1
0
0
1.3435
1
0
0
0
1
1
0.9810
1
1
0
0
1
1
1.3560
0
0
0
0
1
1
0.9935
0
1
0
0
1
1
1.3685
1
0
0
0
1
0
1.0060
1
1
0
0
1
0
1.3810
0
0
0
0
1
0
1.0185
0
1
0
0
1
0
1.3935
1
0
0
0
0
1
1.0310
1
1
0
0
0
1
1.4060
0
0
0
0
0
1
1.0435
0
1
0
0
0
1
1.4185
1
0
0
0
0
0
1.0560
1
1
0
0
0
0
1.4310
0
0
0
0
0
0
1.0685
0
1
0
0
0
0
1.4435
11
11
11
OFF
101
11
1
1.4560
01
11
11
OFF
001
11
1
1.4685
1
1
1
1
1
0
1.0810
1
0
1
1
1
0
1.4810
0
1
1
1
1
0
1.0935
0
0
1
1
1
0
1.4935
1
1
1
1
0
1
1.1060
1
0
1
1
0
1
1.5060
01
11
01
1.1185
001
10
1
1.5185
1
1
1
1
0
0
1.1310
1
0
1
1
0
0
1.5310
0
1
1
1
0
0
1.1435
0
0
1
1
0
0
1.5435
1
1
1
0
1
1
1.1560
1
0
1
0
1
1
1.5560
0
1
1
0
1
1
1.1685
0
0
1
0
1
1
1.5685
1
1
1
0
1
0
1.1810
1
0
1
0
1
0
1.5810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com