Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics L6711 Datasheet HTML 22Page - STMicroelectronics L6711 Datasheet HTML 23Page - STMicroelectronics L6711 Datasheet HTML 24Page - STMicroelectronics L6711 Datasheet HTML 25Page - STMicroelectronics L6711 Datasheet HTML 26Page - STMicroelectronics L6711 Datasheet HTML 27Page - STMicroelectronics L6711 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
Voltage positioning
L6711
24/50
10
Voltage positioning
Output voltage positioning is performed by selecting the reference DAC and by
programming the different contributors to the IFB current (see Figure 9). This current,
sourced from the FB pin, causes the output voltage to vary according to the external RFB
resistor: this allows programming precise output voltage variations depending on the
sensed current (Droop Function) as well as offsets for the regulation.
The three contributors to the IFB current value are:
●
Droop Function (green);
●
Offset (red);
●
Integrated Temperature Compensation (fuchsia).
Moreover, the embedded Remote Buffer allows to precisely programming the output voltage
offsets and variations by recovering the voltage drops across distribution lines.
The output voltage is then driven by the following relationship (IOFFSET sign depends on TC
setting):
Figure 9.
Voltage positioning and droop function
10.1
Droop function
Droop function allows the device to satisfy the requirements of high performance
microprocessors, reducing the size and the cost of the output capacitor. This method
"recovers" part of the drop due to the output capacitor ESR in the load transient, introducing
a dependence of the output voltage on the load current: a static error proportional to the
output current causes the output voltage to vary according to the sensed current. As shown
in figure 4-right, the ESR drop is present in any case, but using the droop function the total
deviation of the output voltage is minimized.
The information about the total current delivered (IDROOP) is sourced from the FB pin (see
Figure 9): connecting a resistor between this pin and VSEN (i.e. the output voltage), the total
current information flows only in this resistor because the compensation network between
FB and COMP has always a capacitor in series (CF, see Figure 9). The voltage regulated is
then equal to:
Where VID is the reference programmed through VIDx and VID_SEL (Only the IDROOP
contribute to IFB has been considered).
VID
R
FB
I
FB
⋅
–
VID
R
FB
I
D ROOP
I
OFFSET
I
TC
–
±
()
⋅
–
=
VMAX
VMIN
VNOM
ESRDROP
RESPONSE WITHOUT DROOP
RESPONSE WITH DROOP
IDROOP
VID
FB
COMP
I
FB
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
IOFFSET
V
OUT
VID
R
FB
I
DR OOP
⋅
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com