Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 35Page - STMicroelectronics L6711 Datasheet HTML 36Page - STMicroelectronics L6711 Datasheet HTML 37Page - STMicroelectronics L6711 Datasheet HTML 38Page - STMicroelectronics L6711 Datasheet HTML 39Page - STMicroelectronics L6711 Datasheet HTML 40Page - STMicroelectronics L6711 Datasheet HTML 41Page - STMicroelectronics L6711 Datasheet HTML 42Page - STMicroelectronics L6711 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
L6711
Driver section
39/50
16
Driver section
The integrated high-current drivers allow using different types of power MOS (also multiple
MOS to reduce the equivalent RdsON), maintaining fast switching transition.
The drivers for the high-side mosfets use BOOTx pins for supply and PHASEx pins for
return. The drivers for the low-side mosfets use VCCDRx pin for supply and PGNDx pin for
return. A minimum voltage of 4.6V at VCCDRx pin is required to start operations of the
device. VCCDRx pins must be connected together.
The controller embodies a sophisticated anti-shoot-through system to minimize low side
body diode conduction time maintaining good efficiency saving the use of Schottky diodes:
when the high-side mosfet turns off, the voltage on its source begins to fall; when the
voltage reaches 2V, the low-side mosfet gate drive is suddenly applied. When the low-side
mosfet turns off, the voltage at LGATEx pin is sensed. When it drops below 1V, the high-side
mosfet gate drive is suddenly applied.
If the current flowing in the inductor is negative, the source of high-side mosfet will never
drop. To allow the turning on of the low-side mosfet even in this case, a watchdog controller
is enabled: if the source of the high-side mosfet doesn't drop for more than 240ns, the low
side mosfet is switched on so allowing the negative current of the inductor to recirculate.
This mechanism allows the system to regulate even if the current is negative.
The BOOTx and VCCDRx pins are separated from IC's power supply (VCC pin) as well as
signal ground (SGND pin) and power ground (PGNDx pin) in order to maximize the
switching noise immunity. The separated supply for the different drivers gives high flexibility
in mosfet choice, allowing the use of logic-level mosfet. Several combination of supply can
be chosen to optimize performance and efficiency of the application.
Power conversion input is also flexible; 5V, 12V bus or any bus that allows the conversion
(See maximum duty cycle limitations) can be chosen freely.
16.1
Power dissipation
Two main terms contribute in the device power dissipation: bias power and drivers' power.
The first one depends on the static consumption of the device through the supply pins and it
is simply quantifiable as follow:
PDC = VCC · (ICC + 3 · ICCDRx + 3 · IBOOTx)
Drivers' power is the power needed by the driver to continuously switch on and off the
external mosfets; it is a function of the switching frequency and total gate charge of the
selected mosfets. It can be quantified considering that the total power PSW dissipated to
switch the mosfets (easy calculable) is dissipated by three main factors: external gate
resistance (when present), intrinsic mosfet resistance and intrinsic driver resistance. This
last term is the important one to be determined to calculate the device power dissipation.
The total power dissipated to switch the mosfets results:
PSW = 3 · (QG_HS · VBOOT + QG_LS · VCCDR) · FSW
External gate resistors helps the device to dissipate the switching power since the same
power PSW will be shared between the internal driver impedance and the external resistor
resulting in a general cooling of the device.It is important to determine the device dissipated
power in order to avoid the junction working beyond its maximum operative temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com