Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 10Page - STMicroelectronics L6711 Datasheet HTML 11Page - STMicroelectronics L6711 Datasheet HTML 12Page - STMicroelectronics L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
Electrical specifications
L6711
14/50
Reference and DAC
Output Voltage
Accuracy
VRD10.x DAC
FBR = VOUT; FBG = GNDOUT
-0.5
-
0.5
%
HAMMER DAC
FBR = VOUT; FBG = GNDOUT
-0.6
-
0.6
%
IVID,
IVID_SEL
VID, VID_SEL
pull-up Current
VIDx = GND
VID_SEL=GND
34.5
6
µA
VID, VID_SEL
pull-up Voltage
VIDx = OPEN
VID_SEL = OPEN
3V
VIDIL
VID, VID_SEL
Threshold
Input Low
0.4
V
VIDIH
Input High
0.8
V
Error amplifier
A0
DC Gain
80
dB
SR
Slew-Rate
COMP = 10pF
15
V/
µs
Differential amplifier (remote buffer)
DC Gain
1
V/V
CMRR
Common Mode
Rejection Ratio
40
dB
SR
Slew Rate
VSEN = 10pF
15
V/
µs
Differential current sensing and offset
ICSx-
Bias Current
ILOAD = 0
50
µA
ICSx+
Bias Current
50
µA
Current Sense
Mismatch
-3
-
3
•%
IOCTH
Over Current
Threshold
ICSx-(OCP)-ICSx-(0)
30
35
40
µA
IFB
Droop Current
deviation from nominal
value
OFFSET = TC = SGND
IFB = 0 to 75µA
-3.5
-
+3.5
µA
Offset Current
ILOAD=0; IOFFSET =100µA;
TC = SGND
-90
-100
-110
µA
ILOAD=0; IOFFSET =100mA;
TC Enabled
90
100
110
µA
IOFFSET
OFFSET pin Current
Range
0
-
250
µA
VOFFSET
OFFSET pin Voltage
IOFFSET = 0 to 250µA1.240
V
Table 4.
Electrical characteristcs (continued)
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
I
INFOx
I
AVG
–
I
AVG
-----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com