Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 13Page - STMicroelectronics L6711 Datasheet HTML 14Page - STMicroelectronics L6711 Datasheet HTML 15Page - STMicroelectronics L6711 Datasheet HTML 16Page - STMicroelectronics L6711 Datasheet HTML 17Page - STMicroelectronics L6711 Datasheet HTML 18Page - STMicroelectronics L6711 Datasheet HTML 19Page - STMicroelectronics L6711 Datasheet HTML 20Page - STMicroelectronics L6711 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
L6711
VID Tables
17/50
Table 6.
Voltage IDentification (VID) Codes.
VID_SEL = SGND (Hammer DAC)
HAMMER DAC
HAMMER DAC +25mV
VID5 VID4 VID3 VID2 VID1 VID0
Output
(V)
VID5 VID4 VID3 VID2 VID1 VID0
Output
(V)
1
00000
1.550
0
00
000
1.575
00001
1.525
0
0
001
1.550
00010
1.500
0
0
010
1.525
00011
1.475
0
0
011
1.500
00100
1.450
0
0
100
1.475
00101
1.425
0
0
101
1.450
00110
1.400
0
0
110
1.425
00111
1.375
0
0
111
1.400
01000
1.350
0
1
000
1.375
01001
1.325
0
1
001
1.350
01010
1.300
0
1
010
1.325
01011
1.275
0
1
011
1.300
01100
1.250
0
1
100
1.275
01101
1.225
0
1
101
1.250
01110
1.200
0
1
110
1.225
01111
1.175
0
1
111
1.200
10000
1.150
1
0
000
1.175
10001
1.125
1
0
001
1.150
10010
1.100
1
0
010
1.125
10011
1.075
1
0
011
1.100
10100
1.050
1
0
100
1.075
10101
1.025
1
0
101
1.050
10110
1.000
1
0
110
1.025
10111
0.975
1
0
111
1.000
11000
0.950
1
1
000
0.975
11001
0.925
1
1
001
0.950
11010
0.900
1
1
010
0.925
11011
0.875
1
1
011
0.900
11100
0.850
1
1
100
0.875
11101
0.825
1
1
101
0.850
11110
0.800
1
1
110
0.825
11111
OFF
1
1
111
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com