Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6711 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6711 Datasheet HTML 34Page - STMicroelectronics L6711 Datasheet HTML 35Page - STMicroelectronics L6711 Datasheet HTML 36Page - STMicroelectronics L6711 Datasheet HTML 37Page - STMicroelectronics L6711 Datasheet HTML 38Page - STMicroelectronics L6711 Datasheet HTML 39Page - STMicroelectronics L6711 Datasheet HTML 40Page - STMicroelectronics L6711 Datasheet HTML 41Page - STMicroelectronics L6711 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Oscillator
L6711
38/50
15
Oscillator
The internal oscillator generates the triangular waveform for the PWM charging and
discharging with a constant current an internal capacitor. The switching frequency for each
channel, FSW, is internally fixed at 150kHz so that the resulting switching frequency at the
load side results in being tripled.
The current delivered to the oscillator is typically 25
µA (corresponding to the free running
frequency Fsw=150kHz) and it may be varied using an external resistor (ROSC) connected
between the OSC pin and SGND or VCC (or a fixed voltage greater than 1.24V). Since the OSC
pin is fixed at 1.24V, the frequency is varied proportionally to the current sunk (forced) from (into)
the pin considering the internal gain of 6KHz/
µA.
In particular connecting ROSC to SGND the frequency is increased (current is sunk from the
pin), while connecting ROSC to VCC=12V the frequency is reduced (current is forced into the
pin), according to the following relationships:
Maximum programmable switching frequency depends on the Current Reading Method
selected. When reading across LS mosfet, the maximum switching frequency per phase
must be limited to 500kHz to avoid current reading errors causing, as a consequence,
current sharing errors. When reading across the inductor, higher switching frequency can be
approached (device power dissipation must be checked prior to design high switching
frequency systems).
Figure 19.
ROSC vs. switching frequency
R
OSC vs. GND: FSW
150kHz
1.237
R
OSC kΩ
()
---------------------------- 6
kHz
µA
-----------
⋅
+
150kHz
7.422 10
6
⋅
R
OSC kΩ
()
-----------------------------
+
==
R
OSC vs. 12V: FSW
150kHz
12-1.237
R
OSC kΩ
()
---------------------------- 6
kHz
µA
-----------
⋅
+
150kHz
6.457 10
7
⋅
R
OSC kΩ
()
-----------------------------
+
==
0
2000
4000
6000
8000
10000
12000
14000
25
50
75
100
125
150
0
200
400
600
800
1000
150
250
350
450
550
650
750
850
ROSC [kΩ] to SGND vs. Selected FSW [kHz]
ROSC [kΩ] to 12V vs. Selected FSW [kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com