Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 73 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 73 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 69Page - Silicon Laboratories C8051F310 Datasheet HTML 70Page - Silicon Laboratories C8051F310 Datasheet HTML 71Page - Silicon Laboratories C8051F310 Datasheet HTML 72Page - Silicon Laboratories C8051F310 Datasheet HTML 73Page - Silicon Laboratories C8051F310 Datasheet HTML 74Page - Silicon Laboratories C8051F310 Datasheet HTML 75Page - Silicon Laboratories C8051F310 Datasheet HTML 76Page - Silicon Laboratories C8051F310 Datasheet HTML 77Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 228 page
background image
Rev. 1.7
73
C8051F310/1/2/3/4/5/6/7
SFR Definition 7.2. CPT0MX: Comparator0 MUX Selection
Bits7–6: UNUSED. Read = 00b, Write = don’t care.
Bits5–4: CMX0N1–CMX0N0: Comparator0 Negative Input MUX Select.
These bits select which Port pin is used as the Comparator0 negative input.
Bits3–2: UNUSED. Read = 00b, Write = don’t care.
Bits1–0: CMX0P1–CMX0P0: Comparator0 Positive Input MUX Select.
These bits select which Port pin is used as the Comparator0 positive input.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
CMX0N1
CMX0N0
-
-
CMX0P1
CMX0P0
00000000
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0x9F
CMX0N1 CMX0N0
Negative Input
00
P1.1
01
P1.5
10
P2.1
11
P2.5
CMX0P1 CMX0P0
Positive Input
00
P1.0
01
P1.4
10
P2.0
11
P2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com