Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 82 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 82 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 78Page - Silicon Laboratories C8051F310 Datasheet HTML 79Page - Silicon Laboratories C8051F310 Datasheet HTML 80Page - Silicon Laboratories C8051F310 Datasheet HTML 81Page - Silicon Laboratories C8051F310 Datasheet HTML 82Page - Silicon Laboratories C8051F310 Datasheet HTML 83Page - Silicon Laboratories C8051F310 Datasheet HTML 84Page - Silicon Laboratories C8051F310 Datasheet HTML 85Page - Silicon Laboratories C8051F310 Datasheet HTML 86Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
82
Rev. 1.7
ORL A, direct
OR direct byte to A
2
2
ORL A, @Ri
OR indirect RAM to A
1
2
ORL A, #data
OR immediate to A
2
2
ORL direct, A
OR A to direct byte
2
2
ORL direct, #data
OR immediate to direct byte
3
3
XRL A, Rn
Exclusive-OR Register to A
1
1
XRL A, direct
Exclusive-OR direct byte to A
2
2
XRL A, @Ri
Exclusive-OR indirect RAM to A
1
2
XRL A, #data
Exclusive-OR immediate to A
2
2
XRL direct, A
Exclusive-OR A to direct byte
2
2
XRL direct, #data
Exclusive-OR immediate to direct byte
3
3
CLR A
Clear A
1
1
CPL A
Complement A
1
1
RL A
Rotate A left
1
1
RLC A
Rotate A left through Carry
1
1
RR A
Rotate A right
1
1
RRC A
Rotate A right through Carry
1
1
SWAP A
Swap nibbles of A
1
1
Data Transfer
MOV A, Rn
Move Register to A
1
1
MOV A, direct
Move direct byte to A
2
2
MOV A, @Ri
Move indirect RAM to A
1
2
MOV A, #data
Move immediate to A
2
2
MOV Rn, A
Move A to Register
1
1
MOV Rn, direct
Move direct byte to Register
2
2
MOV Rn, #data
Move immediate to Register
2
2
MOV direct, A
Move A to direct byte
2
2
MOV direct, Rn
Move Register to direct byte
2
2
MOV direct, direct
Move direct byte to direct byte
3
3
MOV direct, @Ri
Move indirect RAM to direct byte
2
2
MOV direct, #data
Move immediate to direct byte
3
3
MOV @Ri, A
Move A to indirect RAM
1
2
MOV @Ri, direct
Move direct byte to indirect RAM
2
2
MOV @Ri, #data
Move immediate to indirect RAM
2
2
MOV DPTR, #data16
Load DPTR with 16-bit constant
3
3
MOVC A, @A+DPTR
Move code byte relative DPTR to A
1
3
MOVC A, @A+PC
Move code byte relative PC to A
1
3
MOVX A, @Ri
Move external data (8-bit address) to A
1
3
MOVX @Ri, A
Move A to external data (8-bit address)
1
3
MOVX A, @DPTR
Move external data (16-bit address) to A
1
3
MOVX @DPTR, A
Move A to external data (16-bit address)
1
3
PUSH direct
Push direct byte onto stack
2
2
POP direct
Pop direct byte from stack
2
2
XCH A, Rn
Exchange Register with A
1
1
XCH A, direct
Exchange direct byte with A
2
2
Table 8.1. CIP-51 Instruction Set Summary (Continued)
Mnemonic
Description
Bytes
Clock
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com