Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 30 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 30 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 26Page - Silicon Laboratories C8051F310 Datasheet HTML 27Page - Silicon Laboratories C8051F310 Datasheet HTML 28Page - Silicon Laboratories C8051F310 Datasheet HTML 29Page - Silicon Laboratories C8051F310 Datasheet HTML 30Page - Silicon Laboratories C8051F310 Datasheet HTML 31Page - Silicon Laboratories C8051F310 Datasheet HTML 32Page - Silicon Laboratories C8051F310 Datasheet HTML 33Page - Silicon Laboratories C8051F310 Datasheet HTML 34Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 228 page
background image
C8051F310/1/2/3/4/5/6/7
30
Rev. 1.7
1.3.
On-Chip Debug Circuitry
The C8051F31x devices include on-chip Silicon Labs 2-Wire (C2) debug circuitry that provides non-intru-
sive, full speed, in-circuit debugging of the production part installed in the end application.
Silicon Labs' debugging system supports inspection and modification of memory and registers, break-
points, and single stepping. No additional target RAM, program memory, timers, or communications chan-
nels are required. All the digital and analog peripherals are functional and work correctly while debugging.
All the peripherals (except for the ADC and SMBus) are stalled when the MCU is halted, during single
stepping, or at a breakpoint in order to keep them synchronized.
The C8051F310DK development kit provides all the hardware and software necessary to develop applica-
tion code and perform in-circuit debugging with the C8051F31x MCUs. The kit includes software with a
developer's studio and debugger, an integrated 8051 assembler, a debug adapter, a target application
board with the associated MCU installed, and the required cables and wall-mount power supply.
The Silicon Labs IDE interface is a vastly superior developing and debugging configuration, compared to
standard MCU emulators that use on-board "ICE Chips" and require the MCU in the application board to
be socketed. Silicon Labs' debug paradigm increases ease of use and preserves the performance of the
precision analog peripherals.
Figure 1.12. Development/In-System Debug Diagram
TARGET PCB
Debug
Adapter
VDD
GND
C2 (x2), VDD, GND
Windows 98SE or later
Silicon Laboratories Integrated
Development Environment
C8051F31x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com