Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 5Page - Silicon Laboratories C8051F310 Datasheet HTML 6Page - Silicon Laboratories C8051F310 Datasheet HTML 7Page - Silicon Laboratories C8051F310 Datasheet HTML 8Page - Silicon Laboratories C8051F310 Datasheet HTML 9Page - Silicon Laboratories C8051F310 Datasheet HTML 10Page - Silicon Laboratories C8051F310 Datasheet HTML 11Page - Silicon Laboratories C8051F310 Datasheet HTML 12Page - Silicon Laboratories C8051F310 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 228 page
background image
Rev. 1.7
9
C8051F310/1/2/3/4/5/6/7
Figure 16.8. SPI Master Timing (CKPHA = 0) ........................................................ 183
Figure 16.9. SPI Master Timing (CKPHA = 1) ........................................................ 183
Figure 16.10. SPI Slave Timing (CKPHA = 0)........................................................ 184
Figure 16.11. SPI Slave Timing (CKPHA = 1)........................................................ 184
17. Timers
Figure 17.1. T0 Mode 0 Block Diagram.................................................................. 188
Figure 17.2. T0 Mode 2 Block Diagram.................................................................. 189
Figure 17.3. T0 Mode 3 Block Diagram.................................................................. 190
Figure 17.4. Timer 2 16-Bit Mode Block Diagram .................................................. 195
Figure 17.5. Timer 2 8-Bit Mode Block Diagram .................................................... 196
Figure 17.6. Timer 3 16-Bit Mode Block Diagram .................................................. 199
Figure 17.7. Timer 3 8-Bit Mode Block Diagram .................................................... 200
18. Programmable Counter Array
Figure 18.1. PCA Block Diagram............................................................................ 203
Figure 18.2. PCA Counter/Timer Block Diagram.................................................... 204
Figure 18.3. PCA Interrupt Block Diagram ............................................................. 205
Figure 18.4. PCA Capture Mode Diagram.............................................................. 206
Figure 18.5. PCA Software Timer Mode Diagram .................................................. 207
Figure 18.6. PCA High Speed Output Mode Diagram............................................ 208
Figure 18.7. PCA Frequency Output Mode ............................................................ 209
Figure 18.8. PCA 8-Bit PWM Mode Diagram ......................................................... 210
Figure 18.9. PCA 16-Bit PWM Mode...................................................................... 211
Figure 18.10. PCA Module 4 with Watchdog Timer Enabled ................................. 212
19. Revision Specific Behavior
Figure 19.1. Reading Package Marking ................................................................. 221
20. C2 Interface
Figure 20.1. Typical C2 Pin Sharing....................................................................... 225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com