Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 83 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 83 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 79Page - Silicon Laboratories C8051F310 Datasheet HTML 80Page - Silicon Laboratories C8051F310 Datasheet HTML 81Page - Silicon Laboratories C8051F310 Datasheet HTML 82Page - Silicon Laboratories C8051F310 Datasheet HTML 83Page - Silicon Laboratories C8051F310 Datasheet HTML 84Page - Silicon Laboratories C8051F310 Datasheet HTML 85Page - Silicon Laboratories C8051F310 Datasheet HTML 86Page - Silicon Laboratories C8051F310 Datasheet HTML 87Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 228 page
background image
Rev. 1.7
83
C8051F310/1/2/3/4/5/6/7
XCH A, @Ri
Exchange indirect RAM with A
1
2
XCHD A, @Ri
Exchange low nibble of indirect RAM with A
1
2
Boolean Manipulation
CLR C
Clear Carry
1
1
CLR bit
Clear direct bit
2
2
SETB C
Set Carry
1
1
SETB bit
Set direct bit
2
2
CPL C
Complement Carry
1
1
CPL bit
Complement direct bit
2
2
ANL C, bit
AND direct bit to Carry
2
2
ANL C, /bit
AND complement of direct bit to Carry
2
2
ORL C, bit
OR direct bit to carry
2
2
ORL C, /bit
OR complement of direct bit to Carry
2
2
MOV C, bit
Move direct bit to Carry
2
2
MOV bit, C
Move Carry to direct bit
2
2
JC rel
Jump if Carry is set
2
2/3
JNC rel
Jump if Carry is not set
2
2/3
JB bit, rel
Jump if direct bit is set
3
3/4
JNB bit, rel
Jump if direct bit is not set
3
3/4
JBC bit, rel
Jump if direct bit is set and clear bit
3
3/4
Program Branching
ACALL addr11
Absolute subroutine call
2
3
LCALL addr16
Long subroutine call
3
4
RET
Return from subroutine
1
5
RETI
Return from interrupt
1
5
AJMP addr11
Absolute jump
2
3
LJMP addr16
Long jump
3
4
SJMP rel
Short jump (relative address)
2
3
JMP @A+DPTR
Jump indirect relative to DPTR
1
3
JZ rel
Jump if A equals zero
2
2/3
JNZ rel
Jump if A does not equal zero
2
2/3
CJNE A, direct, rel
Compare direct byte to A and jump if not equal
3
3/4
CJNE A, #data, rel
Compare immediate to A and jump if not equal
3
3/4
CJNE Rn, #data, rel
Compare immediate to Register and jump if not
equal
3
3/4
CJNE @Ri, #data, rel
Compare immediate to indirect and jump if not
equal
3
4/5
DJNZ Rn, rel
Decrement Register and jump if not zero
2
2/3
DJNZ direct, rel
Decrement direct byte and jump if not zero
3
3/4
NOP
No operation
1
1
Table 8.1. CIP-51 Instruction Set Summary (Continued)
Mnemonic
Description
Bytes
Clock
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com