Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 17 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 17 Page - Silicon Laboratories

Back Button C8051F310 Datasheet HTML 13Page - Silicon Laboratories C8051F310 Datasheet HTML 14Page - Silicon Laboratories C8051F310 Datasheet HTML 15Page - Silicon Laboratories C8051F310 Datasheet HTML 16Page - Silicon Laboratories C8051F310 Datasheet HTML 17Page - Silicon Laboratories C8051F310 Datasheet HTML 18Page - Silicon Laboratories C8051F310 Datasheet HTML 19Page - Silicon Laboratories C8051F310 Datasheet HTML 20Page - Silicon Laboratories C8051F310 Datasheet HTML 21Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 228 page
background image
Rev. 1.7
17
C8051F310/1/2/3/4/5/6/7
1.
System Overview
C8051F31x devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are
listed below. Refer to Table 1.1 for specific product feature selection.
•
High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)
•
In-system, full-speed, non-intrusive debug interface (on-chip)
•
True 10-bit 200 ksps 25-channel single-ended/differential ADC with analog multiplexer
(C8051F310/1/2/3/6)
•
Precision programmable 25 MHz internal oscillator
•
16 kB (C8051F310/1/6/7) or 8 kB (C8051F312/3/4/5) of on-chip Flash memory
•
1280 bytes of on-chip RAM
•
SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware
•
Four general-purpose 16-bit timers
•
Programmable Counter/Timer Array (PCA) with five capture/compare modules and Watchdog Timer
function
•
On-chip Power-On Reset, VDD Monitor, and Temperature Sensor
•
On-chip Voltage Comparators (2)
•
29/25/21 Port I/O (5 V tolerant)
With on-chip Power-On Reset, VDD monitor, Watchdog Timer, and clock oscillator, the C8051F31x devices
are truly stand-alone System-on-a-Chip solutions. The Flash memory can be reprogrammed even in-cir-
cuit, providing non-volatile data storage, and also allowing field upgrades of the 8051 firmware. User soft-
ware has complete control of all peripherals, and may individually shut down any or all peripherals for
power savings.
The on-chip Silicon Labs 2-Wire (C2) Development Interface allows non-intrusive (uses no on-chip
resources), full speed, in-circuit debugging using the production MCU installed in the final application. This
debug logic supports inspection and modification of memory and registers, setting breakpoints, single
stepping, run and halt commands. All analog and digital peripherals are fully functional while debugging
using C2. The two C2 interface pins can be shared with user functions, allowing in-system programming
and debugging without occupying package pins.
Each device is specified for 2.7-to-3.6 V operation over the industrial temperature range (–45 to +85 °C).
The Port I/O and RST pins are tolerant of input signals up to 5 V. The C8051F31x are available in 32-pin
LQFP, 28-pin QFN, and 24-pin QFN packages. See Table 1.1 for ordering part numbers. Note: QFN pack-
ages are also referred to as MLP or MLF packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com