Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F310 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F310 Datasheet HTML 1Page - Silicon Laboratories C8051F310 Datasheet HTML 2Page - Silicon Laboratories C8051F310 Datasheet HTML 3Page - Silicon Laboratories C8051F310 Datasheet HTML 4Page - Silicon Laboratories C8051F310 Datasheet HTML 5Page - Silicon Laboratories C8051F310 Datasheet HTML 6Page - Silicon Laboratories C8051F310 Datasheet HTML 7Page - Silicon Laboratories C8051F310 Datasheet HTML 8Page - Silicon Laboratories C8051F310 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 228 page
background image
8/16 kB ISP Flash MCU Family
C8051F310/1/2/3/4/5/6/7
Rev. 1.7 8/06
Copyright © 2006 by Silicon Laboratories
C8051F31x
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Peripherals
-
10-Bit ADC (C8051F310/1/2/3/6 only)
•
Up to 200 ksps
•
Up to 21, 17, or 13 external single-ended or differen-
tial inputs
•
VREF from external pin or VDD
•
Built-in temperature sensor
•
External conversion start input
-
Comparators
•
Programmable hysteresis and response time
•
Configurable as interrupt or reset source
(Comparator0)
•
Low current (
< 0.5 µA)
On-Chip Debug
-
On-chip debug circuitry facilitates full speed,
non-intrusive in-system debug
(no emulator required)
-
Provides breakpoints, single stepping,
inspect/modify memory and registers
-
Superior performance to emulation systems using
ICE-Chips, target pods, and sockets
-
Complete development kit
Supply Voltage 2.7 to 3.6 V
-
Typical operating current:
5 mA at 25 MHz;
11 µA at 32 kHz
-
Typical stop mode current:
0.1 µA
-
Temperature range:
–40 to +85 °C
High Speed 8051 µC Core
-
Pipelined instruction architecture; executes 70% of
instructions in 1 or 2 system clocks
-
Up to 25 MIPS throughput with 25 MHz clock
-
Expanded interrupt handler
Memory
-
1280 bytes internal data RAM (1024 + 256)
-
16 kB (C8051F310/1/6/7) or 8 kB (C8051F312/3/4/5)
Flash; In-system programmable in 512-byte sectors
Digital Peripherals
-
29/25/21 Port I/O;
All 5 V tolerant with high sink current
-
Hardware enhanced UART, SMBus™, and SPI™
serial ports
-
Four general purpose 16-bit counter/timers
-
16-bit programmable counter array (PCA) with five
capture/compare modules
-
Real time clock capability using PCA or timer and
external clock source
Clock Sources
-
Internal oscillator: 24.5 MHz with ±2% accuracy
supports crystal-less UART operation
-
External oscillator: Crystal, RC, C, or clock (1 or 2
pin modes)
-
Can switch between clock sources on-the-fly; useful
in power saving modes
Packages
-
32-pin LQFP (C8051F310/2/4)
-
28-pin QFN (C8051F311/3/5)
-
24-pin QFN (C8051F316/7)
ANALOG
PERIPHERALS
10-bit
200ksps
ADC
16 kB/8 kB
ISP FLASH
1280 B
SRAM
POR
DEBUG
CIRCUITRY
14
INTERRUPTS
8051 CPU
(25MIPS)
TEMP
SENSOR
DIGITAL I/O
PROGRAMMABLE PRECISION INTERNAL
OSCILLATOR
HIGH-SPEED CONTROLLER CORE
A
M
U
X
VOLTAGE
COMPARATORS
+
-
WDT
Port 0
+
-
UART
SMBus
PCA
Timer 0
Timer 1
Timer 2
Timer 3
Port 1
Port 2
Port 3
SPI
C8051F310/1/2/3/6 only


Similar Part No. - C8051F310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310 Datasheet
164Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F310 SILABS-C8051F310 Datasheet
172Kb / 2P
25 MIPS, 16 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
logo
List of Unclassifed Man...
C8051F310-GQ ETC1-C8051F310-GQ Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F310-GQ SILABS-C8051F310-GQ Datasheet
4Mb / 288P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F310

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F02X SILABS-C8051F02X Datasheet
4Mb / 272P
8K ISP FLASH MCU Family
C8051F2XX SILABS-C8051F2XX Datasheet
1Mb / 146P
Mixed Signal 8 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
8/16 kB ISP Flash MCU Family
logo
Silicon Laboratories
C8051F52X SILABS-C8051F52X Datasheet
2Mb / 220P
8/4/2 kB ISP Flash MCU Family
C8051F52X-53X SILABS-C8051F52X-53X Datasheet
2Mb / 220P
8/4/2 kB ISP Flash MCU Family
C8051F352 SILABS-C8051F352 Datasheet
2Mb / 234P
8 k ISP Flash MCU Family
C8051F52X SILABS-C8051F52X_12 Datasheet
1Mb / 221P
8/4/2 kB ISP Flash MCU Family
C8051F040 SILABS-C8051F040_V01 Datasheet
5Mb / 320P
8K ISP FLASH MCU Family
Rev. 1.7
C8051F120 SILABS-C8051F120_V01 Datasheet
6Mb / 350P
8K ISP FLASH MCU Family
Rev. 1.5
C8051F350 SILABS-C8051F350_V01 Datasheet
3Mb / 221P
8 k ISP Flash MCU Family
Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com