Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 43 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 43 Page - Diodes Incorporated

Back Button TLC271A Datasheet HTML 39Page - Diodes Incorporated TLC271A Datasheet HTML 40Page - Diodes Incorporated TLC271A Datasheet HTML 41Page - Diodes Incorporated TLC271A Datasheet HTML 42Page - Diodes Incorporated TLC271A Datasheet HTML 43Page - Diodes Incorporated TLC271A Datasheet HTML 44Page - Diodes Incorporated TLC271A Datasheet HTML 45Page - Diodes Incorporated TLC271A Datasheet HTML 46Page - Diodes Incorporated TLC271A Datasheet HTML 47Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 1 - 0
43 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Typical Application Circuits
+
+
-
C
R1
R4
R3
R2
VDD
Vref
0.01 µF
VI
Vref
R3
R1 R3
=
+
VO
VO =
R4
R2
+ Vref
Vref - VI
(
)
VDD
Figure 97 Inverting Amplifier With Voltage Reference
+
VI
Band Pass
High Pass
Low Pass
+
-
5V
10 k
Ω
Bias
Select
TLC271
10 k
Ω
0.016 µF
+
-
5V
10 k
Ω
Bias
Select
TLC271
0.016 µF
+
-
5V
10 k
Ω
Bias
Select
TLC271
10 k
Ω
5 k
Ω
R = 5 k
Ω(3/d-1) where d=damping factor I/O
Figure 98 State Variable Filter
+
+
-
9V
Bias
Select
TLC271
10 k
Ω
C=0.01 µF
+
-
9V
100 k
Ω
Bias
Select
TLC271
5 k
Ω
VO
9V
10 k
Ω
R1, 100 k
Ω
R3, 47 k
Ω
VO
VO(pp)=8V
VO(pp)=4V
FO=
1
4C(R2) R2
R1
[ ]
R2
Figure 99 Single Supply Function Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com