Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 2 Page - Diodes Incorporated

  TLC271A Datasheet HTML 1Page - Diodes Incorporated TLC271A Datasheet HTML 2Page - Diodes Incorporated TLC271A Datasheet HTML 3Page - Diodes Incorporated TLC271A Datasheet HTML 4Page - Diodes Incorporated TLC271A Datasheet HTML 5Page - Diodes Incorporated TLC271A Datasheet HTML 6Page - Diodes Incorporated TLC271A Datasheet HTML 7Page - Diodes Incorporated TLC271A Datasheet HTML 8Page - Diodes Incorporated TLC271A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
2 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Ordering Information
Device
Package
Code
Offset
Voltage
Operating
Temperature
Range
Packaging
(Note 4)
13” Tape and Reel
Quantity
Part Number
Suffix
TLC271CS-13
S
10mV
0 to 70°C
SO-8
2500/Tape & Reel
-13
TLC271ACS-13
S
5mV
0 to 70°C
SO-8
2500/Tape & Reel
-13
TLC271BCS-13
S
2mV
0 to 70°C
SO-8
2500/Tape & Reel
-13
TLC271IS-13
S
10mV
-40 to 85°C
SO-8
2500/Tape & Reel
-13
TLC271AIS-13
S
5mV
-40 to 85°C
SO-8
2500/Tape & Reel
-13
TLC271BIS-13
S
2mV
-40 to 85°C
SO-8
2500/Tape & Reel
-13
Note:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Pin Descriptions
Pin Name
Pin number
Description
OFFSET N1
1
Offset Control Inverting Input
IN-
2
Inverting Input
IN+
3
Non-Inverting Input
GND
4
Ground
OFFSET N2
5
Offset Control Non-Inverting Input
OUT
6
Output
VDD
7
Supply
BIAS SELECT
8
Bias Mode Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com