Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 46 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 46 Page - Diodes Incorporated

Back Button TLC271A Datasheet HTML 42Page - Diodes Incorporated TLC271A Datasheet HTML 43Page - Diodes Incorporated TLC271A Datasheet HTML 44Page - Diodes Incorporated TLC271A Datasheet HTML 45Page - Diodes Incorporated TLC271A Datasheet HTML 46Page - Diodes Incorporated TLC271A Datasheet HTML 47Page - Diodes Incorporated TLC271A Datasheet HTML 48Page - Diodes Incorporated TLC271A Datasheet HTML 49Page - Diodes Incorporated TLC271A Datasheet HTML 50Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 1 - 0
46 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Typical Application Circuits (cont.)
1 µF
100 k
Ω
5 V
VO
+
-
Bias
Select
TLC271
470 k
Ω
47 k
Ω
2.5V
68 k
Ω
R1
68 k
Ω
R2
C1
2.2 nF
C2
2.2 nF
100 k
Ω
100 k
Ω
1N4148
fO =
π
1
2
R1R2C1C2
VO(PP) = 2 V
Figure 104 Wein Oscillator
VI
10 k
Ω
VO
+
-
5V
Bias
Select
TLC271
2.5V
100 k
Ω
0.1 µF
1 M
Ω
1 M
Ω
100 k
Ω
0.1 µF
0.22 µF
Figure 105 Single-Supply AC Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com