Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 3 Page - Diodes Incorporated

  TLC271A Datasheet HTML 1Page - Diodes Incorporated TLC271A Datasheet HTML 2Page - Diodes Incorporated TLC271A Datasheet HTML 3Page - Diodes Incorporated TLC271A Datasheet HTML 4Page - Diodes Incorporated TLC271A Datasheet HTML 5Page - Diodes Incorporated TLC271A Datasheet HTML 6Page - Diodes Incorporated TLC271A Datasheet HTML 7Page - Diodes Incorporated TLC271A Datasheet HTML 8Page - Diodes Incorporated TLC271A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
3 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Absolute Maximum Ratings (Notes 5, 6, 7, 8, 9)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 6)
18
V
VID
Differential Input Voltage (Note 7)
±VDD
V
VIN
Input Voltage Range (either input)
-0.3 to VDD
V
IIN
Input Current
±5
mA
I°
Output Current
±30
mA
Output Short-Circuit to GND (Note 8)
Continuous
PD
Power Dissipation (Note 9)
1065
mW
TA
Operating Temperature Range
C Grade
0 to +70
°C
I Grade
-40 to +85
TJ
Operating Junction Temperature
150
°C
TST
Storage Temperature Range
-65 to +150
°C
ESD HBM
Human Body Model ESD P
rotection (1.5kΩ in series with 100pF)
1.5
kV
Notes:
5. Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6. All voltage values, except differential voltages, are with respect to ground.
7. Differential input voltages are at IN+ with respect to IN-.
8. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation rating is
not exceeded.
9. For operating at high temperatures, the TLC271 must be derated 8.5mW/°C to zero based on a +150°C maximum junction temperature and a
thermal resistance of +117 °C/W when the device is soldered to a printed circuit board, operating in a still air ambient.
Recommended Operating Conditions
Symbol
Parameter
C grade
I grade
Unit
Min
Max
Min
Max
VDD
Supply Voltage
3
16
4
16
V
VIC
Common Mode Input Voltage
VDD = 5V
-0.2
3.5
-0.2
3.5
V
VDD = 10V
-0.2
8.5
-0.2
8.5
TA
Operating Free Air Temperature
0
+70
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com