Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 15 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button TLC271A Datasheet HTML 11Page - Diodes Incorporated TLC271A Datasheet HTML 12Page - Diodes Incorporated TLC271A Datasheet HTML 13Page - Diodes Incorporated TLC271A Datasheet HTML 14Page - Diodes Incorporated TLC271A Datasheet HTML 15Page - Diodes Incorporated TLC271A Datasheet HTML 16Page - Diodes Incorporated TLC271A Datasheet HTML 17Page - Diodes Incorporated TLC271A Datasheet HTML 18Page - Diodes Incorporated TLC271A Datasheet HTML 19Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
15 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Electrical Characteristics
Low bias mode: VDD = 5V
Parameter
Conditions
TA
TLC271I, TLC271AI,
TLC271BI
Unit
Min
Typ
Max
SR
Slew Rate at Unity Gain
RL = 1MΩ,
CL = 20pF
See
Figure 92
VI(PP) = 1V
+25
°
C
0.03
V/µs
-40
°
C
0.04
+85
°
C
0.03
VI(PP) = 2.5V
+25
°
C
0.03
-40
°
C
0.04
+85
°
C
0.02
Vn
Equivalent Input Noise Voltage
F = 1kHz, RS = 20Ω
See Figure 93
+25
°
C
68
nV/√Hz
B°M
Maximum Output Swing
Bandwidth
V° = V°H, CL = 20pF, RL = 1MΩ
See Figure 92
+25
°
C
5
kHz
-40
°
C
7
+85
°
C
4
B1
Unity Gain Bandwidth
VI = 10mV, CL = 20pF
See Figure 94
+25
°
C
85
MHz
-40
°
C
130
+85
°
C
55
ɸm
Phase Margin
F = B1, VI = 10mV, CL = 20pF
See Figure 94
+25
°
C
34°
-40
°
C
38°
+85
°
C
28°
Low bias mode: VDD = 10V
Parameter
Conditions
TA
TLC271I, TLC271AI,
TLC271BI
Unit
Min
Typ
Max
SR
Slew Rate at Unity Gain
RL = 1MΩ,
CL = 20pF
See
Figure 92
VI(PP) = 1V
+25
°
C
0.05
V/µs
-40
°
C
0.06
+85
°
C
0.03
VI(PP) = 5.5V
+25
°
C
0.04
-40
°
C
0.05
+85
°
C
0.03
Vn
Equivalent Input Noise Voltage
F = 1kHz, RS = 20Ω
See Figure 93
+25
°
C
68
nV/√Hz
B°M
Maximum Output Swing
Bandwidth
V° = V°H, CL = 20pF, RL = 1MΩ
See Figure 92
+25
°
C
1
kHz
-40
°
C
1.4
+85
°
C
0.8
B1
Unity Gain Bandwidth
VI = 10mV, CL = 20pF
See Figure 94
+25
°
C
110
MHz
-400
°
C
155
+85
°
C
80
ɸm
Phase Margin
F = B1, VI = 10mV, CL = 20pF
See Figure 94
+25
°
C
38°
-40
°
C
42°
+85
°
C
32°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com