Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 5 Page - Diodes Incorporated

  TLC271A Datasheet HTML 1Page - Diodes Incorporated TLC271A Datasheet HTML 2Page - Diodes Incorporated TLC271A Datasheet HTML 3Page - Diodes Incorporated TLC271A Datasheet HTML 4Page - Diodes Incorporated TLC271A Datasheet HTML 5Page - Diodes Incorporated TLC271A Datasheet HTML 6Page - Diodes Incorporated TLC271A Datasheet HTML 7Page - Diodes Incorporated TLC271A Datasheet HTML 8Page - Diodes Incorporated TLC271A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
5 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Electrical Characteristics
High bias mode
Parameter
Conditions
TA
TLC271I, TLC271AI, TLC271BI
Unit
VDD = 5V
VDD = 10V
Min
Typ
Max
Min
Typ.
Max
VI°
Input Offset Voltage
TLC271I
V° = 1.4V, VIC =
0V,
RS =
50Ω,
RL =
10kΩ
+25
°
C
1.1
10
1.1
10
mV
-40 to 85
°
C
13
13
TLC271AI
+25
°
C
0.9
5
0.9
5
-40 to 85
°
C
7
7
TLC271BI
+25
°
C
0.34
2
0.39
2
-40 to 85
°
C
3.5
3.5
αVI°
Average Temperature Coefficient of
Input Offset Voltage
+25 to 85
°
C
1.8
2
µV/°C
II°
Input Offset Current (Note 13)
V° = VDD/2, VIC
= VDD/2
+25
°
C
0.1
60
0.1
60
pA
+85
°
C
24
1000
26
1000
IIB
Input Bias Current (Note 13)
V° = VDD/2, VIC
= VDD/2
+25
°
C
0.6
60
0.7
60
pA
+85
°
C
200
2000
220
2000
VICR
Common Mode Input Voltage (Note
14)
+25
°
C
-0.2 to
4
-0.3 to
4.2
-0.2 to
9
-0.3 to
9.2
V
-40 to +85
°
C
-0.2 to
3.5
-0.2 to
8.5
V
V°H
High Level Output Voltage
VID = 100mV, RL
= 10k
Ω
+25
°
C
3.2
3.8
8
8.5
V
-40
°
C
3
3.8
7.8
8.5
+85
°
C
3
3.8
7.8
8.5
V°L
Low Level Output Voltage
VID = -100mV,
I°L = 0
+25
°
C
0
50
0
50
mV
-40
°
C
0
50
0
50
+85
°
C
0
50
0
50
AVD
Large Signal Differential Voltage
Gain
RL = 10kΩ (Note
15)
+25
°
C
5
23
10
36
V/mV
-40
°
C
3.5
32
7
46
+85
°
C
3.5
19
7
31
CMRR Common Mode Rejection Ratio
VIC = VICRmin
+25
°
C
65
80
65
85
dB
-40
°
C
60
81
60
87
+85
°
C
60
86
60
88
kSVR
Supply Voltage Rejection Ratio
(∆VDD/∆VI°)
VDD = 5V to 10V,
V° = 1.4V
+25
°
C
65
95
65
95
dB
-40
°
C
60
92
60
92
+85
°
C
60
96
60
96
II(SEL)
Input Current (BIAS SELECT)
VI(SEL) = 0
+25
°
C
-1.4
-1.9
µA
IDD
Supply Current
V° = VDD/2, VIC
= VDD/2, No
load
+25
°
C
675
1600
950
2000
µA
-40
°
C
950
2200
1375
2500
+85
°
C
525
1200
725
1600
Notes:
13. The typical values of input bias current and input offset current below 5pA were calculated.
14. This range also applies to each input individually.
15. At VDD = 5 V, V° = 0.25 V to 2 V; at VDD = 10 V, V° = 1 V to 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com