Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC271A Datasheet(PDF) 12 Page - Diodes Incorporated

Part # TLC271A
Description  CMOS PROGRAMMABLE LOW POWER OPERATIONAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLC271A Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button TLC271A Datasheet HTML 8Page - Diodes Incorporated TLC271A Datasheet HTML 9Page - Diodes Incorporated TLC271A Datasheet HTML 10Page - Diodes Incorporated TLC271A Datasheet HTML 11Page - Diodes Incorporated TLC271A Datasheet HTML 12Page - Diodes Incorporated TLC271A Datasheet HTML 13Page - Diodes Incorporated TLC271A Datasheet HTML 14Page - Diodes Incorporated TLC271A Datasheet HTML 15Page - Diodes Incorporated TLC271A Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
TLC271, TLC271A, TLC271B
Document number: DS35395 Rev. 2 - 2
12 of 51
www.diodes.com
November 2014
© Diodes Incorporated
TLC271, TLC271A, TLC271B
Electrical Characteristics
Low bias mode
Parameter
Conditions
TA
TLC271C, TLC271AC, TLC271BC
Unit
VDD = 5V
VDD = 10V
Min
Typ
Max
Min
Typ.
Max
VI°
Input Offset Voltage
TLC271C
V° = 1.4V, VIC =
0V,
RS =
50Ω,
RL =
1MΩ
+25
°
C
1.1
10
1.1
10
mV
0 to +70
°
C
12
12
TLC271AC
+25
°
C
0.9
5
0.9
5
0 to +70
°
C
6.5
6.5
TLC271BC
+25
°
C
0.24
2
0.26
2
0 to +70
°
C
3
3
αVI°
Average Temperature Coefficient of
Input Offset Voltage
+25 to +70
°
C
1.1
1
µV/°C
II°
Input Offset Current (Note 22)
V° = VDD/2, VIC
= VDD/2
+25
°
C
0.1
60
0.1
60
pA
+70
°
C
7
300
8
300
IIB
Input Bias Current (Note 22)
V° = VDD/2, VIC
= VDD/2
+25
°
C
0.6
60
0.7
60
pA
+70
°
C
40
600
50
600
VICR
Common Mode Input Voltage (Note
23)
+25
°
C
-0.2 to
4
-0.3 to
4.2
-0.2 to
9
-0.3 to
9.2
V
0 to +70
°
C
-0.2 to
3.5
-0.2 to
8.5
V
V°H
High Level Output Voltage
VID = 100mV, RL
= 1M
Ω
+25
°
C
3.2
4.1
8
8.9
V
0
°
C
3
4.1
7.8
8.9
+70
°
C
3
4.2
7.8
8.9
V°L
Low Level Output Voltage
VID = -100mV,
I°L = 0
+25
°
C
0
50
0
50
mV
0
°
C
0
50
0
50
+70
°
C
0
50
0
50
AVD
Large Signal Differential Voltage
Gain
RL = 1MΩ (Note
24)
+25
°
C
50
520
50
870
V/mV
0
°
C
50
700
50
1030
+70
°
C
50
380
50
660
CMRR Common Mode Rejection Ratio
VIC = VICRmin
+25
°
C
65
94
65
97
dB
0
°
C
60
95
60
97
+70
°
C
60
95
60
97
kSVR
Supply Voltage Rejection Ratio
(∆VDD/∆VI°)
VDD = 5V to 10V,
V° = 1.4V
+25
°
C
70
97
70
97
dB
0
°
C
60
97
60
97
+70
°
C
60
98
60
98
II(SEL)
Input Current (BIAS SELECT)
VI(SEL) = 0
+25
°
C
65
95
nA
IDD
Supply Current
V° = VDD/2, VIC
= VDD/2, No
load
+25
°
C
10
17
14
23
µA
0
°
C
12
21
18
33
+70
°
C
8
14
11
20
Notes:
22. The typical values of input bias current and input offset current below 5pA were calculated.
23. This range also applies to each input individually.
24. At VDD = 5 V, V° = 0.25 V to 2 V; at VDD = 10 V, V° = 1 V to 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com