Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 58 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 58 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 60Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 61Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 62Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
w w w. g e e h y. c o m
P a g e 57
Figure 21 LQFP100 - 100 Pins, 14 x 14mm Welding Layout Recommendations
1.
Dimensions are expressed in mm.
Figure 22 LQFP100 - 100 Pins, 14 x 14mm Package Identification
APM32
F103VBT6
XXXX
XX
Company Logo
Product series
Specific model
Arm authorization
logo
Year and week
number
Version number
PIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com