Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 45 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 45 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 45Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 46Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 47Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 48Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 49Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
w w w. g e e h y. c o m
P a g e 44
Symbo
Parameter
Condition
Minimum
value
Maximum
value
Unit
current at the same time
2.7V < VDD < 3.6V
VOH(2)
Output high level when 8 pins output
current at the same time
VDD-0.4
-
VOL(1)
Output low level when 8 pins absorbs
current at the same time
CMOS port, IIO = +8mA
2.7V < VDD < 3.6V
-
0.4
V
VOH(2)
Output high level when 8 pins output
current at the same time
2.4
-
VOL(1)(3)
Output low level when 8 pins absorbs
current at the same time
IIO = +20mA
2.7V < VDD < 3.6V
-
1.3
V
VOH(2)(3)
Output high level when 8 pins output
current at the same time
VDD-1.3(4)
-
1.
The current IIO absorbed by I/O must always comply with the absolute maximum rated value
requirements, and the sum of IIO (all I/O and control pins) cannot exceed IVSS.
2.
The current IIO outputted by I/O must always comply with the absolute maximum rated value
requirements, and the sum of I IO (all I/O and control pins) cannot exceed IVDD.
3.
The data are obtained from a comprehensive evaluation and are not tested in production.
4.
The drive capability of PC13-15 is not included in this item. The specification of other PC ports is
3.3V<VDD<3.6V within the voltage range.
5.10
NRST pin characteristics
The NRST pin input drive adopts CMOS process, and is connected with a permanent pull-up
resistor RPU.
Table36 NRST Pin Characteristics (TA=-40~105℃, VDD=3.3V)
Symbol
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
VIL(NRST)(1)
NRST low-level input voltage
-
-0.5
-
0.8
V
VIH(NRST)(1)
NRST high-level input voltage
-
2
-
VDD+0.5
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
-
-
300
-
mV
RPU
Weak pull-up equivalent
resistance (2)
VIN = VSS
32
40
49
kΩ
1.
Guaranteed by design and not tested in production.
2.
The pull-up resistor is realized by connecting a pure resistor in series with a turn-off PMOS/NMOS
switch. The resistance of this PMOS/NMOS switch is very small.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com