Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 23 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 23 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 19Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
w w w. g e e h y. c o m
P a g e 22
4.6.3
Power monitor
Power-on reset (POR) and power-down reset (PDR) circuits are integrated inside the product.
When VDD reaches the set threshold VPOR/PDR, the system works normally; when the VDD is
lower than the set threshold VPOR/PDR, the system will remain in the reset state without
connecting the external reset circuit.
4.7
Low-power mode
The product supports three low-power modes. Users can switch between these modes by
setting.
Table8 Low-power Mode
Mode
Description
Sleep mode
In sleep mode, all peripherals are in working status, but the CPU stops working. If an
interrupt/event occurs, the CPU will be waked up.
Stop mode
The stop mode is the mode that can achieve the lowest power consumption without losing
the content of SRAM and register. At this time, internal 1.6V power supply stops, causing
the HSECLK, HSICLK and PLL clocks to turn off, and the voltage regulator is set to the
normal mode or low-power mode. Interrupt and event wake-up configured as EINT can
wake the CPU from the stop mode. EINT signal includes 16 external I/O ports, PVD
output, RTC alarm or USBD wake-up signal.
Standby
mode
The standby mode is the lowest-power mode used by the chip. At this time, the internal
voltage regulator is disabled, causing power supply of the internal 1.6V part to be cut off;
HSECLK, HSICLK and PLL clocks are disabled; the content of SRAM and register will
disappear. However, the content of the backup register will remain and the standby circuit
will still work.
The external reset signal on NRST, IWDT reset, a rising edge on WKUP pin or RTC alarm
will terminate the standby mode of the chip.
Note: When entering the stop or standby mode, RTC, IWDT and corresponding clock will not
stop, and the interrupt of QSPI cannot wake up the low power.
4.8
DMA
The product has 7-channel general-purpose DMA, which can manage the data transmission
from memory to memory, device to memory, and memory to device.
Each channel has hardware DMA request logic, and the source address, destination address
and transmission length of each channel can be set separately by software.
DMA can be used for main peripherals: SPI, I2C, USART, timer TMRx and ADC, QSPI.
4.9
GPIO
The product can have up to 80 GPIO pins. Every pin can be switched between input (pull-up,
pull-down), output (push-pull, open-drain) or multiplexing functions through software
configuration. Most GPIO pins are shared with multiplexed peripherals. To avoid accidental
writing of I/O registers, the peripheral functions of I/O pins can be locked by specific



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com