Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 30 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 30 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 78 page
background image
w w w. g e e h y. c o m
P a g e 29
Symbol
Parameter
Condition
Minimum
value
Maximum
value
Unit
TA
Ambient temperature (temperature number
6)
Maximum power
dissipation
-40
85
℃
Ambient temperature (temperature number
7)
Maximum power
dissipation
-40
105
℃
TJ
Junction temperature range
-
-40
150
℃
1.
When ADC is used, see 5.12.1
2.
VDD and VDDA should be powered from the same power supply during power-up and normal
operation, with a maximum of 300mV difference allowed between VDD and VDDA.
5.3
Absolute maximum rated value
If the load on the device exceeds the absolute maximum rated value, it may cause permanent
damage to the device. Here, only the maximum load that can be borne is given, and there is no
guarantee that the device functions normally under this condition.
5.3.1
Maximum temperature characteristics
Table12 Temperature Characteristics
Symbol
Description
Value
Unit
TSTG
Storage temperature range
-55 ~ +150
℃
TJ
Maximum junction temperature
150
℃
5.3.2
Maximum rated voltage characteristics
Table13 Maximum Rated Voltage Characteristics
Symbol
Description
Minimum
value
Maximum
value
Unit
VDD - VSS
External main supply voltage (including VDDA and VDD) (1)
-0.3
4.0
V
VIN
Input voltage on 5V pins (2)
VSS-0.3
5.5
Input voltage on other pins (2)
VSS-0.3
VDD + 0.3
| ΔVDDx |
Voltage difference between different power supply pins
50
mV
| VSSx-VSS |
Voltage difference between different grounding pins
50
1. All power supply (VDD, VDDA) and ground (VSS, VSSA) must always be within the allowed range.
2. If VIN exceeds the maximum value, IINJ(PIN) must be externally limited not to exceed the
maximum value. When VIN> VDD, the current flows into the pins; when VIN<VSS, the current
flows out of the pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com