Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 35 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 35 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
w w w. g e e h y. c o m
P a g e 34
CL2) + Cstray, where Cstray is the capacitance of the pin and the capacitance of the PCB or
related to the PCB, which is usually between 2pF and 7pF.
Warning: It is recommended to use resonators with load capacitance CL ≤7pF instead of
resonators with load capacitance of 12.5 pF.
For example, if a resonator with load capacitance CL=6pF is selected and Cstray=2pF,
CL1=CL2=8pF
Figure 12 Typical Applications Using 32.768kHz
偏置控制增益
CL1
CL2
32.768kHz
共振器
OSC32-IN
OSC32-OUT
fLSECLK
RF
集成电容器的谐
振器
5.5.2
Characteristics of internal clock source
5.5.2.1
Test of high-speed internal (HSICLK) oscillator
Table21 HSICLK Oscillator Characteristics
SymbolOSC
Parameter
Condition
Minimum
value
Typical
value
Maximum
value
Unit
fHSICLK
Frequency
-
-
8
-
MHz
ACCHSICLK
Accuracy of HSICLK
oscillator
Factory
calibration
TA=25℃
VDD = 3.3V
1
-
1
%
TA=-40~105℃
VDD = 2-3.6V
-2.63
-
3.56
%
TA =25℃
VDD = 2-3.6V
-0.88
-
3.28
%
User
calibration
-1
-
1
%
tSU(HSICLK)
Startup time of
HSICLK oscillator
VDD = 3.3V TA =-40~105℃
1.03
-
1.24
μs
IDD(HSICLK)
Power consumption
of HSICLK oscillator
VDD = 3.6V TA =-40~105℃
-
-
120
μA
Note: The data are obtained from a comprehensive evaluation and are not tested in production.
Resonator of
integrated capacitor
oscillator
Offset control gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com