Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 24 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 24 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 20Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 21Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 22Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 23Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 24Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 25Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
w w w. g e e h y. c o m
P a g e 23
operations.
I/O pin turnover speed on the APB2 can reach 18MHz.
4.10
Communication peripherals
4.10.1 USART
Three USART communication interfaces are embedded. Among them, the USART1 interface
can support the communication rate of 4.5Mbit/s, and the other interfaces support the
communication rate of 2.25Mbit/s. It has hardware signal CTS and RTS, compatible with
ISO7816 smart card, supports IrDA SIR ENDEC transmission encoding and decoding, and
provides LIN master/slave mode.
4.10.2 I2C
I2C1/2 can work in multi-master mode or slave mode and support 7-bit and 10-bit addressing.
The protocol supports standard and fast modes. Built-in hardware CRC generator/calibrator.
DMA operation can be used and SMBus bus version 2.0/PMBus bus is supported.
4.10.3 SPI
Two SPI interfaces are embedded, supporting the chip to communicate with external devices
in half/full duplex serial mode. It can be configured as master mode or slave mode, with 8 or 16
bits per frame. The communication rate in full-duplex and half-duplex mode can be 18 Mbit/s.
All SPI interfaces support DMA operation.
4.10.4 QSPI
1 QSPI special communication interface is embedded, which can connect external flash
through single-line, double-line or four-line SPI mode, and support 8-bit, 16-bit and 32-bit
access. There are 8-byte transmit FIFO and 8-byte receive FIFO inside. DMA operation is
supported.
4.10.5 CAN
2 built-in CAN bus interfaces (CAN1 and CAN2 can be used at the same time), compatible with
2.0A and 2.0B (active) specifications, which can communicate at a rate of up to 1Mbit/s.
Support standard frame with 11-bit identifier and extended frame with 29-bit identifier, and
have 3 transmitting mailboxes and 2 receiving FIFO, and 14 3-level adjustable filters.
4.10.6 USBD
The product embeds USBD modules (USBD1 and USBD2) compatible with full-speed USBD
devices, which comply with the standard of full-speed USBD devices (12Mb/s), and the
endpoints can be configured by software, and have standby/wake-up functions. The dedicated
48MHz clock for USBD is directly generated by internal PLL. When using the USBD function,
the system clock can only be one of 48MHz, 72MHz and 96MHz, which can obtain 48MHz
required for USBD through 1 divided frequency, 1.5 fractional frequency, and 2 fractional
frequency respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com