Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32F103C8T6 Datasheet(PDF) 31 Page - Geehy Semiconductor Co., Ltd.

Part # APM32F103C8T6
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103C8T6 Datasheet(HTML) 31 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103C8T6 Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. APM32F103C8T6 Datasheet HTML 35Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
w w w. g e e h y. c o m
P a g e 30
5.3.3
Maximum rated current characteristics
Table14 Maximum Rated Current Characteristics
Symbol
Description
Maximum
value
Unit
IVDD
Total current through VDD/VDDA power line (supply current) (1)
150
mA
IVSS
Total current through VSS ground line (outflow current) (1)
150
IIO
Sink current on any I/O and control pin
25
Source current on any I/O and control pin
-25
IINJ(PIN) (2) (3)
Injection current of NRST pin
±5
Injection current of HSECLK OSC_IN pin and LSECLK OSC_IN pin
±5
Injection current of other pins (4)
±5
ΣIINJ(PIN)(2)
Total injection current on all I/O and control pins (4)
±25
All power supply (VDD, VDDA) and ground (VSS, VSSA) must always be within the allowed range.
If VIN exceeds the maximum value, IINJ(PIN) must be externally limited not to exceed the maximum value.
When VIN> VDD, the current flows into the pins; when VIN<VSS, the current flows out of the pins.
The outflow current will interfere with the simulation performance of the ADC.
When the current is injected into several I/O ports at the same ti
me, the maximum value of ΣIINJ(PIN) is the
sum of instantaneous absolute value of inflow current and outflow current.
5.3.4
Electrostatic discharge (ESD)
The implementation method of electrostatic discharge is a positive pulse followed by a
negative pulse after an interval of one second. All pins of the sample should be measured. The
size of the sample is related to the number of power supply pins on the chip (3 x (n+1) power
supply pins). This test conforms to JS-001-2017/JS-002-2018 standard.
Table15 Electrostatic Discharge (ESD)
Symbol
Parameter
Condition
Maximum
Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA= +25℃, conforming to
JS-001-2017 3A
4000
V
VESD(CDM)
Electrostatic discharge voltage
(charging device model)
TA= +25℃, conforming to
JS-002-2018
1000
Note: The samples are measured by a third-party testing organization and are not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com