Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 10Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 11Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MOSEL VITELIC
V29LC51001
11
V29LC51001 Rev. 0.5 October 2000
Package Diagrams
32-pin Plastic DIP
32-pin PLCC
15
° MAX
0.545/0.555
INDEX-1
.047
+.012
– 0
0.210 MAX
0.120 MIN
0.010 MIN
.600 TYP
1.660 MAX.
.050 MAX
.100
TYP
.032 +.012
– 0
.018
+.006
– .002
.010
+.004
– .0004
INDEX-2
EJECTOR MARK
.420
± .003
3
° - 6°
3
° - 6°
3
° - 6°
.017
30
°
.136
± .003
.110
.046
± .003
.025
.050 TYP
.450
± .003
.490
± .005
.045X45
°
.590
± .005
.550
± .003
20
19 18
17 16 15
14
21
22
23
24
25
26
27
28
29
30
31 32
1
2
3
4
13
12
11
10
9
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com