Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V29LC51001 Datasheet HTML 1Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 2Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 3Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSEL VITELIC
1
V29LC51001
1 MEGABIT (131,072 x 8 BIT)
5 VOLT CMOS FLASH MEMORY
PRELIMINARY
V29LC51001 Rev. 0.5 October 2000
Features
s 128Kx8-bit Organization
s Address Access Time: 90 ns
s Single 5V
± 10% Power Supply
s Sector Erase Mode Operation
s 512 bytes per Sector, 256 Sectors
– Sector-Erase Cycle Time: 10ms (Max)
– Byte-Program Cycle Time: 30
µs (Max)
s Minimum 1,000 Erase-Program Cycles
s Low power dissipation
– Active Read Current: 20mA (Typ)
– Active Program Current: 30mA (Typ)
– Standby Current: 100
µA (Max)
s Low VCC Program Inhibit Below 3.2V
s Self-timed program/erase operations
s CMOS and TTL Interface
s Packages:
– 32-pin Plastic DIP
– 32-pin PLCC
Description
The V29LC51001 is a high speed 131,072 x 8 bit
CMOS flash memory. Programming or erasing the
device is done with a single 5 Volt power supply.
The device has separate chip enable CE, program
enable WE, and output enable OE controls to
eliminate bus contention.
The V29LC51001 features a sector erase
operation which allows each sector to be erased
and reprogrammed without affecting data stored in
other sectors. The device also supports full chip
erase.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Temperature
Mark
PJ
90
0
°C to 70°C
•
•
•
Blank


Similar Part No. - V29LC51001

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29LC51001

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com