Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V29LC51001 Datasheet HTML 1Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 2Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 3Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V29LC51001
5
V29LC51001 Rev. 0.5 October 2000
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Program (Erase/Program) Cycle
Parameter
Name
Parameter
-90
Unit
Min.
Max.
tRC
Read Cycle Time
90
—
ns
tAA
Address Access Time
—
90
ns
tACS
Chip Enable Access Time
—
90
ns
tOE
Output Enable Access Time
—
40
ns
tCLZ
CE Low to Output Active
0
—
ns
tOLZ
OE Low to Output Active
0
—
ns
tDF
Output Enable or Chip Disable to Output in High Z
0
20
ns
tOH
Output Hold from Address Change
0
—
ns
Parameter
Name
Parameter
-90
Unit
Min.
Typ.
Max.
tWC
Program Cycle Time
90
——
ns
tAS
Address Setup Time
0
——
ns
tAH
Address Hold Time
45
——
ns
tCS
CE Setup Time
0
——
ns
tCH
CE Hold Time
0
——
ns
tOES
OE Setup Time
0
——
ns
tOEH
OE High Hold Time
0
——
ns
tWP
WE Pulse Width
45
——
ns
tWPH
WE Pulse Width High
35
——
ns
tDS
Data Setup Time
30
——
ns
tDH
Data Hold Time
0
——
ns
tWHWH1
Programming Cycle
——
30
µs
tWHWH2
Sector Erase Cycle
——
10
ms
tWHWH3
Chip Erase Cycle
—
2
—
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com