Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 8 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 8 Page - Mosel Vitelic, Corp

Back Button V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 10Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 11Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
V29LC51001 Rev. 0.5 October 2000
MOSEL VITELIC
V29LC51001
FUNCTIONAL DESCRIPTION
Read Cycle
A read cycle is performed by holding both CE
and OE signals LOW. Data Out becomes valid only
when these conditions are met. During a read cycle
WE must be HIGH prior to CE and OE going LOW.
WE must remain HIGH during the read operation
for the read to complete (see Table 1).
Output Disable
Returning OE or CE HIGH, whichever occurs first
will terminate the read operation and place the l/O
pins in the HIGH-Z state.
Standby
The device will enter standby mode when the CE
signal is HIGH. The l/O pins are placed in the
HIGH-Z, independent of the OE signal.
Command Sequence
The V29LC51001 does not provide the “reset”
feature to return the chip to its normal state when
an incomplete command sequence or an
interruption has happened. In this case, normal
operation (Read Mode) can be restored by issuing
a “non-existent” command sequence, for example
Address: 5555H, Data FFH.
Byte Program Cycle
The V29LC51001 is programmed on a byte-by-
byte basis. The byte program operation is initiated
by using a specific four-bus-cycle sequence: two
unlock program cycles, a program setup command
and program data program cycles (see Table 2).
During the byte program cycle, addresses are
latched on the falling edge of either CE or WE,
whichever is last. Data is latched on the rising edge
of CE or WE, whichever is first. The byte program
cycle can be CE controlled or WE controlled.
Sector Erase Cycle
The V29LC51001 features a sector erase
operation which allows each sector to be erased
and reprogrammed without affecting data stored in
other sectors. Sector erase operation is initiated by
using a specific six-bus-cycle sequence: Two
unlock program cycles, a setup command, two
additional unlock program cycles, and the sector
erase command (see Table 2). A sector must be
first erased before it can be reprogrammed. While
in the internal erase mode, the device ignores any
program attempt into the device. Sector erase is
completed in 10ms max. The V29LC51001 is
shipped with pre-erased sectors (all bits = 1).
512
512
•
•
•
512
512
V29LC51001
00000H
L51001-13
Table 1. Operation Modes Decoding
NOTES:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW. VH = 12.5V Max.
2.
PD: The data at the byte address to be programmed.
Decoding Mode
CE
OE
WE
A0
A1
A9
I/O
Read
VIL
VIL
VIH
A0
A1
A9
READ
Byte Write
VIL
VIH
VIL
A0
A1
A9
PD
Standby
VIH
XXXXX
HIGH-Z
Output Disable
VIL
VIH
VIH
X
X
X
HIGH-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com