Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

  V29LC51001 Datasheet HTML 1Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 2Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 3Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MOSEL VITELIC
V29LC51001
3
V29LC51001 Rev. 0.5 October 2000
Functional Block Diagram
Capacitance (1,2)
NOTE:
1.
Capacitance is sampled and not 100% tested.
2.
TA = 25°C, VCC = 5V ± 10%, f = 1 MHz.
Latch Up Characteristics(1)
NOTE:
1.
Includes all pins except VCC. Test conditions: VCC = 5V, one pin at a time.
AC Test Load
Symbol
Parameter
Test mSetup
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0
6
8
pF
COUT
Output Capacitance
VOUT = 0
8
12
pF
CIN2
Control Pin Capacitance
VIN = 0
8
10
pF
Parameter
Min.
Max.
Unit
Input Voltage with Respect to GND on A9, OE
-1
+13
V
Input Voltage with Respect to GND on I/O, address or control pins
-1
VCC + 1
V
VCC Current
-100
+100
mA
Address buffer & latches
A0–A16
51001-05
I/O Buffer & Data Latches
I/O0–I/O7
Y-Decoder
1,048,576 Bit
Memory Cell Array
X-Decoder
Control Logic
CE
OE
WE
51001-06
IN3064 or Equivalent
IN3064
or Equivalent
2.7 k
Ω
6.2 k
Ω
+5.0 V
IN3064 or Equivalent
IN3064 or Equivalent
CL = 100 pF
Device Under
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com