Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V29LC51001 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V29LC51001
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51001 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V29LC51001 Datasheet HTML 1Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 2Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 3Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51001 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MOSEL VITELIC
V29LC51001
V29LC51001 Rev. 0.5 October 2000
Absolute Maximum Ratings(1)
NOTE:
1.
Stress greater than those listed unders “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2.
No more than one output maybe shorted at a time and not exceeding one second long.
DC Electrical Characteristics
(over the commercial operating range)
Symbol
Parameter
Commercial
Unit
VIN
Input Voltage (input or I/O pins)
-2 to +7
V
VIN
Input Voltage (A9 pin, OE)
-2 to +13
V
VCC
Power Supply Voltage
-0.5 to +5.5
V
TSTG
Storage Temerpature (Plastic)
-65 to +125
°C
TOPR
Operating Temperature
0 to +70
°C
IOUT
Short Circuit Current(2)
200 (Max.)
mA
Parameter
Name
Parameter
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
VCC = VCC Min.
—
0.8
V
VIH
Input HIGH Voltage
VCC = VCC Max.
2
—
V
IIL
Input Leakage Current
VIN = GND to VCC, VCC = VCC Max.
—
±1
µA
IOL
Output Leakage Current
VOUT = GND to VCC, VCC = VCC Max.
—
±10
µA
VOL
Output LOW Voltage
VCC = VCC Min., IOL = 2.1mA
—
0.4
V
VOH
Output HIGH Voltage
VCC = VCC Min, IOH = -400µA
2.4
—
V
ICC1
Read Current
CE = OE = VIL, WE = VIH, all I/Os open,
Address input = VIL/VIH, at f = 1/tRC Min.,
VCC = VCC Max.
—
40
mA
ICC2
Program Current
CE = WE = VIL, OE = VIH, VCC = VCC Max.
—
50
mA
ISB
TTL Standby Current
CE = OE = WE = VIH, VCC = VCC Max.
—
2mA
ISB1
CMOS Standby Current
CE = OE = WE = VCC – 0.3V, VCC = VCC Max.
—
100
µA
VH
Device ID Voltage for A9
CE = OE = VIL, WE = VIH
11.5
12.5
V
IH
Device ID Current for A9
CE = OE = VIL, WE = VIH, A9 = VH Max.
—
50
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com